Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1V14006 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1V14006
Description  Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.9 GHz to 2.1 GHz, Phase Noise of -102 dBc/Hz and 0.5 inch Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V14006 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1V14006_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V14006_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V14006_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V14006_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V14006_16 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V14006_16 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE1V14006_16 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE1V14006_16 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
• 1900 MHz to 2100 MHz Bandwidth
• -100 dBc/Hz @ 10kHz offset
• Tuning Voltage 0.0V to 4.5v
• Pout = +4.5 dBm
• Integrated Buffer Amplifier
• Harmonics = -40 dBc
• RoHs Compliant Assembly
• 0.5” SMT package
• Industry Standard Mounting Footprint
• Designed to meet MIL-STD-202 Environmental Condi-
tions
Applications
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
.
Description
The PE1V14006 is a High Reliability Low Noise Voltage Controlled Oscillator (VCO) which covers a 1900 MHz to 2100 MHz
frequency band with a voltage tuning range from 0.0V to 4.5V. This design features exceptional phase noise performance
of -100 dBc/Hz @ 10 kHz offset. Supply Voltage is +5V with a generated output power level of +4.5 dBm and 2nd harmonic
output of -40 dBc typical. The VCO has a buffer amplifier for increased design flexibility. The assembly is RoHs compliant
and available in a compact 0.5 inch SMT package with an industry standard mounting footprint. The bottom surface is copper
clad with 2-5 micro inches of immersion Gold over 150 - 250 micro inches of Electro less Nickel which makes it resistant to
oxidation for ease of soldering. The VCO operates over a temperature range of -40°C to +85°C and is designed to meet a
variety of MIL-STD-202 test conditions including Humidity, Shock, and Vibration.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
1.9
2.1
GHz
Tuning Voltage
0
4.5
Vdc
Supply Voltage (DC)
4.75
5
5.5
Vdc
Supply Current (DC)
15
18
mA
Phase Noise @ 1kHz Offset
-75
-72
dBc/Hz
Phase Noise @ 10kHz Offset
-102
-100
dBc/Hz
Phase Noise @ 100kHz Offset
-123
-121
dBc/Hz
Output Power
+3.5
+4.5
+5.5
dBm
Pushing
3
4.5
MHz/V
Pulling (pk-pk)
300
600
KHz
Tuning Port Capacitance
5.6
pF
Load Impedance
50
Ohms
2nd Harmonics
-40
-35
dBc
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.9 GHz to 2.1 GHz, Phase
Noise of -102 dBc/Hz and 0.5 inch Package PE1V14006
PE1V14006 REV 1.0
Surface Mount (SMT) Voltage Controlled Oscillator
(VCO) From 1.9 GHz to 2.1 GHz, Phase Noise
of -102 dBc/Hz and 0.5 inch Package
Voltage Control Oscillators Technical Data Sheet
PE1V14006


Similar Part No. - PE1V14006_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V14006 PASTERNACK-PE1V14006 Datasheet
659Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.9 GHz
More results

Similar Description - PE1V14006_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V14007 PASTERNACK-PE1V14007_16 Datasheet
980Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2.1 GHz to 2.3 GHz, Phase Noise of -101 dBc/Hz and 0.5 inch Package
PE1V11020 PASTERNACK-PE1V11020_16 Datasheet
670Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.5 GHz to 2.1 GHz With Phase Noise of -87 dBc/Hz
PE1V11020 PASTERNACK-PE1V11020 Datasheet
670Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.5 GHz to 2.1 GHz With Phase Noise of -87 dBc/Hz
PE1V14010 PASTERNACK-PE1V14010_16 Datasheet
967Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.77 GHz to 5.01 GHz, Phase Noise of -98 dBc/Hz and 0.5 inch Package
PE1V14003 PASTERNACK-PE1V14003 Datasheet
898Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.6 GHz to 3.2 GHz, Phase Noise of -89 dBc/Hz and 0.5 inch Package
PE1V14004 PASTERNACK-PE1V14004 Datasheet
983Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.7 GHz to 1.85 GHz, Phase Noise of -100 dBc/Hz and 0.5 inch Package
PE1V14005 PASTERNACK-PE1V14005_16 Datasheet
988Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.8 GHz to 2 GHz, Phase Noise of -100 dBc/Hz and 0.5 inch Package
PE1V14009 PASTERNACK-PE1V14009_16 Datasheet
974Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.13 GHz to 4.35 GHz, Phase Noise of -98 dBc/Hz and 0.5 inch Package
PE1V14008 PASTERNACK-PE1V14008 Datasheet
979Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2.8 GHz to 3 GHz, Phase Noise of -93 dBc/Hz and 0.5 inch Package
PE1V14002 PASTERNACK-PE1V14002_16 Datasheet
980Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.57 GHz to 1.85 GHz, Phase Noise of -101 dBc/Hz and 0.5 inch Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com