Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1V14005 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE1V14005
Description  Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.8 GHz to 2 GHz, Phase Noise of -100 dBc/Hz and 0.5 inch Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V14005 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE1V14005_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V14005_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V14005_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V14005_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V14005_16 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V14005_16 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE1V14005_16 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE1V14005_16 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
15
16
17
18
19
20
21
22
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Tuning Voltage (V)
Supply Current vs Tuning Voltage
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.8 GHz to 2 GHz, Phase Noise of -100 dBc/Hz and 0.5 inch
Package from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.8 GHz to 2 GHz, Phase Noise
of -100 dBc/Hz and 0.5 inch Package PE1V14005
URL: http://www.pasternack.com/surface-mount-smt-voltage-controlled-oscillator-vco-2-ghz-pe1v14005-p.aspx
PE1V14005 REV 1.0
Voltage Control Oscillators Technical Data Sheet
PE1V14005
Surface Mount (SMT) Voltage Controlled Oscillator
(VCO) From 1.8 GHz to 2 GHz, Phase Noise
of -100 dBc/Hz and 0.5 inch Package


Similar Part No. - PE1V14005_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V14005 PASTERNACK-PE1V14005 Datasheet
558Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.8 GHz
More results

Similar Description - PE1V14005_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V14004 PASTERNACK-PE1V14004 Datasheet
983Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.7 GHz to 1.85 GHz, Phase Noise of -100 dBc/Hz and 0.5 inch Package
PE1V13013 PASTERNACK-PE1V13013 Datasheet
557Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz, Phase Noise of -89 dBc/Hz and 0.5 inch Hermetic Package
PE1V11018 PASTERNACK-PE1V11018_16 Datasheet
669Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz With Phase Noise of -89 dBc/Hz
PE1V14007 PASTERNACK-PE1V14007_16 Datasheet
980Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2.1 GHz to 2.3 GHz, Phase Noise of -101 dBc/Hz and 0.5 inch Package
PE1V14010 PASTERNACK-PE1V14010_16 Datasheet
967Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.77 GHz to 5.01 GHz, Phase Noise of -98 dBc/Hz and 0.5 inch Package
PE1V14003 PASTERNACK-PE1V14003 Datasheet
898Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.6 GHz to 3.2 GHz, Phase Noise of -89 dBc/Hz and 0.5 inch Package
PE1V14006 PASTERNACK-PE1V14006_16 Datasheet
973Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.9 GHz to 2.1 GHz, Phase Noise of -102 dBc/Hz and 0.5 inch Package
PE1V14009 PASTERNACK-PE1V14009_16 Datasheet
974Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.13 GHz to 4.35 GHz, Phase Noise of -98 dBc/Hz and 0.5 inch Package
PE1V14008 PASTERNACK-PE1V14008 Datasheet
979Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2.8 GHz to 3 GHz, Phase Noise of -93 dBc/Hz and 0.5 inch Package
PE1V14002 PASTERNACK-PE1V14002_16 Datasheet
980Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.57 GHz to 1.85 GHz, Phase Noise of -101 dBc/Hz and 0.5 inch Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com