Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1V13002 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE1V13002
Description  0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 25 MHz to 50 MHz With Phase Noise of -114 dBc/Hz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V13002 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE1V13002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V13002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V13002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V13002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V13002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V13002 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE1V13002 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Mechanical Specifications
Size
Length
0.5 in [12.7 mm]
Width
0.5 in [12.7 mm]
Height
0.215 in [5.46 mm]
.
Weight
0.02 lbs [9.07 g]
Mounting Surface Material and Plating
Copper Clad, Nickel, Gold
Design
Hermetic
Package Style
Surface Mount
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-55 to +125 deg C
Humidity
MIL-STD-202, Method 103, 90% RH, +65 C
Shock
MIL-STD-202, Method 213I
Vibration
MIL-STD-202, Method 204D
Temperature Cycle
MIL-STD-202, Method 107B
Thermal Shock
MIL-STD-883, Method 1014A, 1 x 10-8 atm cc/s
Hermetic Seal
MIL-STD-883 Method 1014C
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle only in ESD Workstation.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
PE1V13002 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 25 MHz to
50 MHz With Phase Noise of -114 dBc/Hz PE1V13002
Voltage Control Oscillators Technical Data Sheet
PE1V13002
0.5 inch Hermetic Surface Mount (SMT) Voltage
Controlled Oscillator (VCO) From 25 MHz to
50 MHz With Phase Noise of -114 dBc/Hz


Similar Part No. - PE1V13002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V13000 PASTERNACK-PE1V13000 Datasheet
489Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 MHz
PE1V13000 PASTERNACK-PE1V13000_16 Datasheet
558Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 MHz to 20 MHz With Phase Noise of -120 dBc/Hz
PE1V13001 PASTERNACK-PE1V13001 Datasheet
554Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 18 MHz to 30 MHz With Phase Noise of -120 dBc/Hz
PE1V13003 PASTERNACK-PE1V13003 Datasheet
558Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 30 MHz to 60 MHz, Phase Noise of -119 dBc/Hz and 0.5 inch Hermetic Package
PE1V13004 PASTERNACK-PE1V13004 Datasheet
565Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz With Phase Noise of -117 dBc/Hz
More results

Similar Description - PE1V13002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V13007 PASTERNACK-PE1V13007 Datasheet
555Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 60 MHz to 120 MHz, Phase Noise of -114 dBc/Hz and 0.5 inch Hermetic Package
PE1V11007 PASTERNACK-PE1V11007_16 Datasheet
977Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 60 MHz to 120 MHz, Phase Noise of -114 dBc/Hz and 0.5 inch Package
PE1V13004 PASTERNACK-PE1V13004 Datasheet
565Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz With Phase Noise of -117 dBc/Hz
PE1V13005 PASTERNACK-PE1V13005 Datasheet
553Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz With Phase Noise of -118 dBc/Hz
PE1V11002 PASTERNACK-PE1V11002_16 Datasheet
974Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 25 MHz to 50 MHz, Phase Noise of -120 dBc/Hz and 0.5 inch Package
PE1V13000 PASTERNACK-PE1V13000_16 Datasheet
558Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 MHz to 20 MHz With Phase Noise of -120 dBc/Hz
PE1V13009 PASTERNACK-PE1V13009 Datasheet
576Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 100 MHz to 200 MHz With Phase Noise of -113 dBc/Hz
PE1V13001 PASTERNACK-PE1V13001 Datasheet
554Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 18 MHz to 30 MHz With Phase Noise of -120 dBc/Hz
PE1V13006 PASTERNACK-PE1V13006 Datasheet
557Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 50 MHz to 100 MHz, Phase Noise of -115 dBc/Hz and 0.5 inch Hermetic Package
PE1V11006 PASTERNACK-PE1V11006_16 Datasheet
978Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 50 MHz to 100 MHz, Phase Noise of -115 dBc/Hz and 0.5 inch Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com