Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1V13000 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1V13000
Description  0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 MHz to 20 MHz With Phase Noise of -120 dBc/Hz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V13000 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1V13000_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V13000_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V13000_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V13000_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V13000_16 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V13000_16 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE1V13000_16 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Features
• 10 MHz to 20 MHz Bandwidth
• -120 dBc/Hz @ 10kHz offset
• Tuning Voltage 0.0V to 20V
• Pout = +10 dBm
• Harmonics = -11 dBc
• RoHs Compliant Assembly
• Hermetically Sealed Rugged SMT Package
• Designed to meet Fine & Gross leak per MIL-STD-883
Method 1014
• Designed to meet MIL-STD-202 Environmental Condi-
tions
Applications
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
.
Description
The PE1V13000 is a High Reliability Low Noise Voltage Controlled Oscillator (VCO) which covers a 10 MHz to 20 MHz
frequency band with a voltage tuning range from 0.0V to 20V. This design features exceptional phase noise performance of
-120 dBc/Hz @ 10 kHz offset. Supply Voltage is +15V with a generated output power level of +10 dBm and 2nd harmonic
output of -11 dBc typical. The assembly is RoHs compliant and available in a hermetically sealed 0.5” surface mount package
with exposed leads that meets MIL-STD-883, Method 1014 fine & Gross leak conditions. This rugged package operates
over a temperature range of -40oC to +85oC and is designed to also meet a variety of MIL-STD-202 test conditions including
Humidity, Shock, and Vibration.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
10
20
MHz
Tuning Voltage
0
20
Vdc
Supply Voltage (DC)
14
15
16
Vdc
Supply Current (DC)
16
18
mA
Phase Noise @ 1kHz Offset
-95
-92
dBc/Hz
Phase Noise @ 10kHz Offset
-120
-118
dBc/Hz
Phase Noise @ 100kHz Offset
-140
-138
dBc/Hz
Output Power
+9
+10
+11
dBm
Tuning Sensitivity (Kvco)
0.4
0.6
MHz/V
Pushing
0.02
0.05
MHz/Volt
Pulling (pk-pk)
50
100
KHz
Tuning Port Capacitance
150
pF
Load Impedance
50
Ohms
2nd Harmonics
-11
-9
dBc
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 MHz to
20 MHz With Phase Noise of -120 dBc/Hz PE1V13000
PE1V13000 REV 1.0
0.5 inch Hermetic Surface Mount (SMT) Voltage
Controlled Oscillator (VCO) From 10 MHz to
20 MHz With Phase Noise of -120 dBc/Hz
Voltage Control Oscillators Technical Data Sheet
PE1V13000


Similar Part No. - PE1V13000_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V13000 PASTERNACK-PE1V13000 Datasheet
489Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 MHz
More results

Similar Description - PE1V13000_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V13001 PASTERNACK-PE1V13001 Datasheet
554Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 18 MHz to 30 MHz With Phase Noise of -120 dBc/Hz
PE1V11000 PASTERNACK-PE1V11000_16 Datasheet
975Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 MHz to 20 MHz, Phase Noise of -120 dBc/Hz and 0.5 inch Package
PE1V13004 PASTERNACK-PE1V13004 Datasheet
565Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz With Phase Noise of -117 dBc/Hz
PE1V13005 PASTERNACK-PE1V13005 Datasheet
553Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz With Phase Noise of -118 dBc/Hz
PE1V13009 PASTERNACK-PE1V13009 Datasheet
576Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 100 MHz to 200 MHz With Phase Noise of -113 dBc/Hz
PE1V13002 PASTERNACK-PE1V13002 Datasheet
564Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 25 MHz to 50 MHz With Phase Noise of -114 dBc/Hz
PE1V13007 PASTERNACK-PE1V13007 Datasheet
555Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 60 MHz to 120 MHz, Phase Noise of -114 dBc/Hz and 0.5 inch Hermetic Package
PE1V11007 PASTERNACK-PE1V11007_16 Datasheet
977Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 60 MHz to 120 MHz, Phase Noise of -114 dBc/Hz and 0.5 inch Package
PE1V11002 PASTERNACK-PE1V11002_16 Datasheet
974Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 25 MHz to 50 MHz, Phase Noise of -120 dBc/Hz and 0.5 inch Package
PE1V12002 PASTERNACK-PE1V12002 Datasheet
898Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 243 MHz to 270 MHz, Phase Noise of -120 dBc/Hz and 0.5 inch Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com