Electronic Components Datasheet Search |
|
PE1V11027 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc. |
|
PE1V11027 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc. |
2 / 8 page 2 Environmental Specifications Temperature Operating Range -40 to +85 deg C Storage Range -55 to +125 deg C Humidity MIL-STD-202, Method 103, 90% RH, +65 C Shock MIL-STD-202, Method 213I Vibration MIL-STD-202, Method 204D Temperature Cycle MIL-STD-202, Method 107B ESD Sensitivity ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in ESD Workstation. Compliance Certifications (visit www.Pasternack.com for current document) RoHS Compliant REACH Compliant 12/17/2015 Plotted and Other Data Notes: PE1V11027 REV 1.0 Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: 0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.26 GHz to 5 GHz With Phase Noise of -79 dBc/Hz PE1V11027 Voltage Control Oscillators Technical Data Sheet PE1V11027 0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.26 GHz to 5 GHz With Phase Noise of -79 dBc/Hz |
Similar Part No. - PE1V11027 |
|
Similar Description - PE1V11027 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |