Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S-807 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part No. S-807
Description  HIGH-PRECISION VOLTAGE DETECTOR
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SII [Seiko Instruments Inc]
Homepage  http://www.sii.co.jp
Logo 

S-807 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
HIGH-PRECISION VOLTAGE DETECTOR
S-807 Series
Seiko Instruments Inc.
5

 Advantage over the S-805 Series
The S-807 Series, in comparison with conventional reset ICs such as the S-805 Series, offers greater detection voltage precision
(twice that of conventional units) and lower current consumption (half that of conventional units). These characteristics result in
the following advantages over conventional units.
1. Advantages of greater detection voltage precision
1.1 Detecting lithium battery service life
The discharge characteristics of lithium batteries are
shown in Figure 4. When using the S-805 Series,
the service life can be detected over t1. When
using the S-807 Series, it can be detected over t2.
This improvement in detection precision of the S-
807 Series means that batteries can be used over
more of their service life.
1.2 Detecting a power voltage at two points
It is usual for the CPU to detect the power voltage
at two points, one to caution and the other to reset.
The service life of battery may also be detected at
two points, one to caution and the other to request
immediate replacement.
Two voltage values to be detected (No. 1 and No.
2) do not cross and the voltage can be detected
correctly.
1.3 Voltage drop when modifying detection voltage
If no voltage to be detected is suitable, the voltage
can be set higher in Nch open-drain output
products by using a resistor divider. (Example :
when detecting 6V or 9V.)
When 8V is detected using the S-8054HN (a
4V
±5% device), the -Vdet tolerance becomes
2
×4.00×±0.05=0.8V (R1=R2). In constrast, the S-
80740AN (a 4V
±2.4% device) can hold down the
tolerance to 2
×4.00×±0.024=0.384V (R1=R2).
Must be close
V
t
No. 2
No. 1
Figure 5
t1
S-807
S-805
V
t
Figure 4
t2
R2
R1
Figure 6
Nch open-drain
output product
S-807
XXAN/SN


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
88CXXBUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR 1 2 3 4 5 MoreUnisonic Technologies
S-80830CULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR 1 2 3 4 5 MoreSeiko Instruments Inc
EM6352Voltage Detector High-Precision 1 2 3 4 5 MoreEM Microelectronic - MARIN SA
BL8506High-precision Low Voltage Detector 1 2 3 4 5 MoreList of Unclassifed Manufacturers
R5VL20CVOLTAGE DETECTOR 1 2 3 4 5 MoreRICOH electronics devices division
NJU77122ch VOLTAGE DETECTOR 1 2 3 4 5 MoreNew Japan Radio
BD48XXFVEVoltage Detector IC 1 2 3 4 5 MoreRohm
BU42XXFVELow Voltage Detector IC with Adjustable Output Delay 1 2 3 4 5 MoreRohm
MC33460Under Voltage Detector Series 1 2 3 4 5 MoreON Semiconductor
RN5VDVOLTAGE DETECTOR WITH OUTPUT DELAY 1 2 3 4 5 MoreRICOH electronics devices division

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn