Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1V11018 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1V11018
Description  0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz With Phase Noise of -89 dBc/Hz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V11018 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1V11018_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V11018_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V11018_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V11018_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V11018_16 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V11018_16 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE1V11018_16 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE1V11018_16 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Features
• 1200 to 1800 MHz Bandwidth
• -89 dBc/Hz @ 10kHz offset
• Tuning Voltage 0.0V to 20v
• Pout = +11.0 dBm
• Harmonics = -12 dBc
• RoHs Compliant Assembly
• 0.5” SMT package
• Industry Standard Mounting Footprint
• Designed to meet MIL-STD-202 Environmental Condi-
tions
Applications
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
.
Description
The PE1V11018 is a High Reliability Low Noise Voltage Controlled Oscillator (VCO) which covers a 1200 MHz to 1800 MHz
frequency band with a voltage tuning range from 0.0V to 20V. This design features exceptional phase noise performance of
-89 dBc/Hz @ 10 kHz offset. Supply Voltage is +15V with a generated output power level of +11.0 dBm and 2nd harmonic
output of -12 dBc typical. The assembly is RoHs compliant and available in a compact 0.5 inch SMT package with an industry
standard mounting footprint. The bottom surface is copper clad with 2-5 micro inches of immersion Gold over 150 - 250 micro
inches of Electro less Nickel which makes it resistant to oxidation for ease of soldering. The VCO operates over a temperature
range of -40°C to +85°C and is designed to meet a variety of MIL-STD-202 test conditions including Humidity, Shock, and
Vibration.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
1.2
1.8
GHz
Tuning Voltage
0
20
Vdc
Supply Voltage (DC)
14
15
16
Vdc
Supply Current (DC)
20
23
mA
Phase Noise @ 10kHz Offset
-89
-87
dBc/Hz
Phase Noise @ 100kHz Offset
-110
-108
dBc/Hz
Output Power
+9.5
+11
+13.5
dBm
Tuning Sensitivity (Kvco)
12
85
MHz/V
Pushing
0.5
1
MHz/Volt
Pulling (pk-pk)
3
5
MHz
Tuning Port Capacitance
22
pF
Load Impedance
50
Ohms
2nd Harmonics
-12
-10
dBc
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.2 GHz
to 1.8 GHz With Phase Noise of -89 dBc/Hz PE1V11018
PE1V11018 REV 1.0
0.5 inch Commercial Surface Mount (SMT) Voltage
Controlled Oscillator (VCO) From 1.2 GHz to
1.8 GHz With Phase Noise of -89 dBc/Hz
Voltage Control Oscillators Technical Data Sheet
PE1V11018


Similar Part No. - PE1V11018_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11018 PASTERNACK-PE1V11018 Datasheet
674Kb / 8P
   0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 1.2 GHz
More results

Similar Description - PE1V11018_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V13013 PASTERNACK-PE1V13013 Datasheet
557Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz, Phase Noise of -89 dBc/Hz and 0.5 inch Hermetic Package
PE1V31011 PASTERNACK-PE1V31011 Datasheet
490Kb / 6P
   Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz, Phase Noise of -89 dBc/Hz and SMA
PE1V11017 PASTERNACK-PE1V11017_16 Datasheet
670Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 800 MHz to 1.2 GHz With Phase Noise of -95 dBc/Hz
PE1V11017 PASTERNACK-PE1V11017 Datasheet
670Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 800 MHz to 1.2 GHz With Phase Noise of -95 dBc/Hz
PE1V11025 PASTERNACK-PE1V11025 Datasheet
593Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.87 GHz With Phase Noise of -81 dBc/Hz
PE1V11022 PASTERNACK-PE1V11022_16 Datasheet
657Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2 GHz to 2.75 GHz With Phase Noise of -85 dBc/Hz
PE1V14003 PASTERNACK-PE1V14003 Datasheet
898Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.6 GHz to 3.2 GHz, Phase Noise of -89 dBc/Hz and 0.5 inch Package
PE1V11025 PASTERNACK-PE1V11025_16 Datasheet
582Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.87 GHz With Phase Noise of -81 dBc/Hz
PE1V11023 PASTERNACK-PE1V11023_16 Datasheet
670Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2.57 GHz to 3.3 GHz With Phase Noise of -82 dBc/Hz
PE1V11026 PASTERNACK-PE1V11026 Datasheet
664Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4 GHz to 5 GHz With Phase Noise of -78 dBc/Hz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com