Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1V11017 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE1V11017
Description  0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 800 MHz to 1.2 GHz With Phase Noise of -95 dBc/Hz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V11017 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE1V11017_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V11017_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V11017_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V11017_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V11017_16 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V11017_16 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE1V11017_16 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE1V11017_16 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
0
10
20
30
40
50
60
0
2
4
6
8
10
12
14
16
18
20
Tuning Voltage (V)
Tuning Sensitivity
8
9
10
11
12
13
14
0
2
4
6
8
10
12
Tuning Voltage (V)
Output Power vs Tuning Voltage
PE1V11017 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From
800 MHz to 1.2 GHz With Phase Noise of -95 dBc/Hz PE1V11017
Voltage Control Oscillators Technical Data Sheet
PE1V11017
0.5 inch Commercial Surface Mount (SMT) Voltage
Controlled Oscillator (VCO) From 800 MHz to
1.2 GHz With Phase Noise of -95 dBc/Hz


Similar Part No. - PE1V11017_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11017 PASTERNACK-PE1V11017 Datasheet
670Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 800 MHz to 1.2 GHz With Phase Noise of -95 dBc/Hz
More results

Similar Description - PE1V11017_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11017 PASTERNACK-PE1V11017 Datasheet
670Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 800 MHz to 1.2 GHz With Phase Noise of -95 dBc/Hz
PE1V11018 PASTERNACK-PE1V11018_16 Datasheet
669Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz With Phase Noise of -89 dBc/Hz
PE1V11025 PASTERNACK-PE1V11025 Datasheet
593Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.87 GHz With Phase Noise of -81 dBc/Hz
PE1V11022 PASTERNACK-PE1V11022_16 Datasheet
657Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2 GHz to 2.75 GHz With Phase Noise of -85 dBc/Hz
PE1V11016 PASTERNACK-PE1V11016 Datasheet
665Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 600 MHz to 1,000 MHz With Phase Noise of -96 dBc/Hz
PE1V11025 PASTERNACK-PE1V11025_16 Datasheet
582Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.87 GHz With Phase Noise of -81 dBc/Hz
PE1V11023 PASTERNACK-PE1V11023_16 Datasheet
670Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2.57 GHz to 3.3 GHz With Phase Noise of -82 dBc/Hz
PE1V11026 PASTERNACK-PE1V11026 Datasheet
664Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4 GHz to 5 GHz With Phase Noise of -78 dBc/Hz
PE1V11024 PASTERNACK-PE1V11024_16 Datasheet
662Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3 GHz to 3.5 GHz With Phase Noise of -81 dBc/Hz
PE1V11023 PASTERNACK-PE1V11023 Datasheet
670Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2.57 GHz to 3.3 GHz With Phase Noise of -82 dBc/Hz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com