Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1V11010 Datasheet(PDF) 8 Page - Pasternack Enterprises, Inc.

Part # PE1V11010
Description  Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 150 MHz to 300 MHz, Phase Noise of -108 dBc/Hz and 0.5 inch Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V11010 Datasheet(HTML) 8 Page - Pasternack Enterprises, Inc.

  PE1V11010_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V11010_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V11010_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V11010_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V11010_16 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V11010_16 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE1V11010_16 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE1V11010_16 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
PE1V11010 REV 1.0
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 150 MHz
to 300 MHz, Phase Noise of -108 dBc/Hz and 0.5 inch Package
PE1V11010 CAD Drawing


Similar Part No. - PE1V11010_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11010 PASTERNACK-PE1V11010 Datasheet
965Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 150 MHz to 300 MHz, Phase Noise of -108 dBc/Hz and 0.5 inch Package
More results

Similar Description - PE1V11010_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11010 PASTERNACK-PE1V11010 Datasheet
965Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 150 MHz to 300 MHz, Phase Noise of -108 dBc/Hz and 0.5 inch Package
PE1V13010 PASTERNACK-PE1V13010 Datasheet
548Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 150 MHz to 300 MHz, Phase Noise of -108 dBc/Hz and 0.5 inch Hermetic Package
PE1V11008 PASTERNACK-PE1V11008_16 Datasheet
997Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 75 MHz to 150 MHz, Phase Noise of -110 dBc/Hz and 0.5 inch Package
PE1V11012 PASTERNACK-PE1V11012_16 Datasheet
970Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 300 MHz to 400 MHz, Phase Noise of -102 dBc/Hz and 0.5 inch Package
PE1V13008 PASTERNACK-PE1V13008_16 Datasheet
568Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 75 MHz to 150 MHz, Phase Noise of -110 dBc/Hz and 0.5 inch Package
PE1V11007 PASTERNACK-PE1V11007_16 Datasheet
977Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 60 MHz to 120 MHz, Phase Noise of -114 dBc/Hz and 0.5 inch Package
PE1V12008 PASTERNACK-PE1V12008 Datasheet
968Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 650 MHz to 700 MHz, Phase Noise of -121 dBc/Hz and 0.5 inch Package
PE1V11004 PASTERNACK-PE1V11004_16 Datasheet
977Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz, Phase Noise of -117 dBc/Hz and 0.5 inch Package
PE1V11005 PASTERNACK-PE1V11005_16 Datasheet
972Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz, Phase Noise of -118 dBc/Hz and 0.5 inch Package
PE1V11011 PASTERNACK-PE1V11011_16 Datasheet
975Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 200 MHz to 400 MHz, Phase Noise of -106 dBc/Hz and 0.5 inch Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com