Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR2206CP Datasheet(PDF) 5 Page - Exar Corporation

Part # XR2206CP
Description  Monolithic Function Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR2206CP Datasheet(HTML) 5 Page - Exar Corporation

  XR2206CP Datasheet HTML 1Page - Exar Corporation XR2206CP Datasheet HTML 2Page - Exar Corporation XR2206CP Datasheet HTML 3Page - Exar Corporation XR2206CP Datasheet HTML 4Page - Exar Corporation XR2206CP Datasheet HTML 5Page - Exar Corporation XR2206CP Datasheet HTML 6Page - Exar Corporation XR2206CP Datasheet HTML 7Page - Exar Corporation XR2206CP Datasheet HTML 8Page - Exar Corporation XR2206CP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
XR-2206
5
Rev. 1.03
DC ELECTRICAL CHARACTERISTICS (CONT’D)
XR-2206M/P
XR-2206CP/D
Parameters
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Conditions
Amplitude Modulation
Input Impedance
50
100
50
100
k
W
Modulation Range
100
100
%
Carrier Suppression
55
55
dB
Linearity
2
2
%
For 95% modulation
Square-Wave Output
Amplitude
12
12
Vp-p
Measured at Pin 11.
Rise Time
250
250
ns
CL = 10pF
Fall Time
50
50
ns
CL = 10pF
Saturation Voltage
0.2
0.4
0.2
0.6
V
IL = 2mA
Leakage Current
0.1
20
0.1
100
mA
VCC = 26V
FSK Keying Level (Pin 9)
0.8
1.4
2.4
0.8
1.4
2.4
V
See section on circuit controls
Reference Bypass Voltage
2.9
3.1
3.3
2.5
3
3.5
V
Measured at Pin 10.
Notes
1 Output amplitude is directly proportional to the resistance, R3, on Pin 3. See Figure 3.
2 For maximum amplitude stability, R3 should be a positive temperature coefficient resistor.
Bold face parameters are covered by production test and guaranteed over operating temperature range.
Specifications are subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Power Supply
26V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation
750mW
. . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
5mW/
°C
. . . . . . . . . . . . . . . . . . . . . .
Total Timing Current
6mA
. . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
-65
°C to +150°C
. . . . . . . . . . . .
SYSTEM DESCRIPTION
The XR-2206 is comprised of four functional blocks; a
voltage-controlled oscillator (VCO), an analog multiplier
and sine-shaper; a unity gain buffer amplifier; and a set of
current switches.
The VCO produces an output frequency proportional to
an input current, which is set by a resistor from the timing
terminals to ground. With two timing pins, two discrete
output frequencies can be independently produced for
FSK generation applications by using the FSK input
control pin. This input controls the current switches which
select one of the timing resistor currents, and routes it to
the VCO.


Similar Part No. - XR2206CP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR2206D-F EXAR-XR2206D-F Datasheet
148Kb / 12P
   Evaluation System User Manual
More results

Similar Description - XR2206CP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2206 EXAR-XR-2206_08 Datasheet
153Kb / 16P
   Monolithic Function Generator
logo
NXP Semiconductors
NE566 PHILIPS-NE566 Datasheet
50Kb / 5P
   Function generator
April 15, 1992
logo
TEKTRONIX, INC.
AFG1000 TEKTRONIX-AFG1000 Datasheet
288Kb / 12P
   Arbitrary/Function Generator
AFG2021 TEKTRONIX-AFG2021 Datasheet
796Kb / 12P
   Arbitrary/Function Generator
logo
Good Will Instrument Co...
AFG-2100 GWINSTEK-AFG-2100 Datasheet
691Kb / 2P
   ARBITRARY FUNCTION GENERATOR
logo
List of Unclassifed Man...
AFG2021 ETC2-AFG2021 Datasheet
472Kb / 8P
   Arbitrary/Function Generator
logo
Keysight Technologies
E1445A KEYSIGHT-E1445A Datasheet
133Kb / 4P
   Arbitrary Function Generator
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
logo
List of Unclassifed Man...
4010A ETC2-4010A Datasheet
697Kb / 1P
   2 MHz Function Generator
logo
Keysight Technologies
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
   Function/Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com