Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1E-S-DC12V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # DS1E-S-DC12V
Description  HIGHLY SENSITIVE 1500 V FCC SURGE WITHSTANDING MINIATURE RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DS1E-S-DC12V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  DS1E-S-DC12V Datasheet HTML 1Page - Nais(Matsushita Electric Works) DS1E-S-DC12V Datasheet HTML 2Page - Nais(Matsushita Electric Works) DS1E-S-DC12V Datasheet HTML 3Page - Nais(Matsushita Electric Works) DS1E-S-DC12V Datasheet HTML 4Page - Nais(Matsushita Electric Works) DS1E-S-DC12V Datasheet HTML 5Page - Nais(Matsushita Electric Works) DS1E-S-DC12V Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS
188
COIL DATA (at 20°C 68°F)
Single side stable
1 coil latching
2 coil latching
Nominal voltage,
V DC
Pick-up voltage, V DC (max.)
Drop-out
voltage, V DC
(min.)
Coil resistance,
Ω (±10%)
Maximum allowable,
V DC (at 50
°C 122°F)
1 Form C
2, 4 Form C
1 Form C
2, 4 Form C
M
type
1.5
1.05
1.05
0.15
5.63
1.8
2.25
3
2.1
2.1
0.3
22.5
3.6
4.5
5
3.5
3.5
0.5
62.5
6
7.5
6
4.2
4.2
0.6
90
7.2
9
9
6.3
6.3
0.9
203
10.8
13.5
12
8.4
8.4
1.2
360
14.4
18
24
16.8
16.8
2.4
1440
28.8
36
48
33.6
33.6
4.8
5760
57.6
72
S
type
1.5
1.2
1.05
0.15
11.3
2.4
3
3
2.4
2.1
0.3
45
4.8
6
5
4.0
3.5
0.5
125
8.0
10
6
4.8
4.2
0.6
180
9.6
12
9
7.2
6.3
0.9
405
14.4
18
12
9.6
8.4
1.2
720
19.2
24
24
19.2
16.8
2.4
2880
28.4
48
48
38.6
33.6
4.8
11520
76.8
96
Nominal voltage, V DC
Reset Set, V DC (max.)
Coil resistance,
Ω (±10%)
Maximum allowable,
V DC (at 50
°C 122°F)
1 Form C
2, 4 Form C
1 Form C
2, 4 Form C
M
type
1.5
1.05
1.05
12.5
1.8
2.25
3
2.1
2.1
50
3.6
4.5
5
3.5
3.5
139
6
7.5
6
4.2
4.2
200
7.2
9
9
6.3
6.3
450
10.8
13.5
12
8.4
8.4
800
14.4
18
24
16.8
16.8
3200
28.8
36
48
33.6
33.6
12800
57.6
72
S
type
1.5
1.2
1.05
25
2.4
3
3
2.4
2.1
100
4.8
6
5
4.0
3.5
278
8.0
10
6
4.8
4.2
400
9.6
12
9
7.2
6.3
900
14.4
18
12
9.6
8.4
1600
19.2
24
24
19.2
16.8
6400
38.4
48
48
38.4
33.6
25600
76.8
96
Nominal voltage, V DC
Reset Set, V DC (max.)
Coil resistance,
Ω (±10%)
Maximum allowable,
V DC (at 50
°C 122°F)
1 Form C
2,4 Form C
Coil l
Coil ll
1 Form C
2,4 Form C
M
type
1.5
1.05
1.05
6.25
1.8
2.25
3
2.1
2.1
25
3.6
4.5
5
3.5
3.5
69.4
6
7.5
6
4.2
4.2
100
7.2
9
9
6.3
6.3
225
10.8
13.5
12
8.4
8.4
400
14.4
18
24
16.8
16.8
1600
28.8
36
48
33.6
33.6
6400
57.6
72
S
type
1.5
1.2
1.05
12.5
2.4
3
3
2.4
2.1
50
4.8
6
5
4.0
3.5
139
8.0
10
6
4.8
4.2
200
9.6
12
9
7.2
6.3
450
14.4
18
12
9.6
8.4
800
19.2
24
24
19.2
16.8
3200
38.4
48
48
38.4
33.6
12800
76.8
96


Similar Part No. - DS1E-S-DC12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DS1E-S-DC12V PANASONIC-DS1E-S-DC12V Datasheet
92Kb / 6P
   High Reliability Relay for Various Applications
DS1E-S-DC12V PANASONIC-DS1E-S-DC12V Datasheet
333Kb / 7P
   HIGHLY SENSITIVE 1500 V FCC SURGE BREAKDOWN VOLTAGE MINIATURE RELAY
August 31,2009
More results

Similar Description - DS1E-S-DC12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AG252944 PANASONIC-AG252944 Datasheet
333Kb / 7P
   HIGHLY SENSITIVE 1500 V FCC SURGE BREAKDOWN VOLTAGE MINIATURE RELAY
August 31,2009
logo
Nais(Matsushita Electri...
DS2YE-S-DC5V NAIS-DS2YE-S-DC5V Datasheet
317Kb / 3P
   2 FORM C-200 mW SENSITIVE MINIATURE RELAY 1500 V FCC SURGE WITHSTAND
logo
Omron Electronics LLC
G5V1 OMRON-G5V1 Datasheet
314Kb / 4P
   Ultra-miniature, Highly Sensitive SPDT Relay for Signal Circuits
logo
MERITEK ELECTRONICS COR...
CRSW MERITEK-CRSW Datasheet
605Kb / 4P
   Surge Withstanding Chip Resistor
logo
New Jersey Semi-Conduct...
X0402MF NJSEMI-X0402MF Datasheet
82Kb / 1P
   Highly sensitive triggering levels
X0405MF NJSEMI-X0405MF Datasheet
47Kb / 1P
   Highly sensitive triggering levels
logo
Stackpole Electronics, ...
RPCA SEI-RPCA Datasheet
824Kb / 13P
   Automotive Grade Surge Withstanding Chip Resistor
8/11/2022
logo
ZETTLER Electronics
AZ6951 ZETTLER-AZ6951 Datasheet
381Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ699 ETC-AZ699 Datasheet
128Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ695 ETC1-AZ695 Datasheet
45Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com