Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR-2207D Datasheet(PDF) 3 Page - Exar Corporation

Part # XR-2207D
Description  Voltage-Controlled Oscillator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-2207D Datasheet(HTML) 3 Page - Exar Corporation

  XR-2207D Datasheet HTML 1Page - Exar Corporation XR-2207D Datasheet HTML 2Page - Exar Corporation XR-2207D Datasheet HTML 3Page - Exar Corporation XR-2207D Datasheet HTML 4Page - Exar Corporation XR-2207D Datasheet HTML 5Page - Exar Corporation XR-2207D Datasheet HTML 6Page - Exar Corporation XR-2207D Datasheet HTML 7Page - Exar Corporation XR-2207D Datasheet HTML 8Page - Exar Corporation XR-2207D Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
XR-2207
3
Rev. 2.02
ELECTRICAL CHARACTERISTICS
Test Conditions: Test Circuit of
Figure 3 and Figure 4, VCC = VEE = 6V, TA = +25°C, C = 5000pF, R1 = R2 =
R3 = R4 = 20kΩ, RL = 4.7kΩ, Binary Inputs Grounded, S1 and S2 Closed Unless Otherwise Specified
Parameters
XR-2207ID/XR-2207M
XR-2207CP/D
Units
Conditions
Parameters
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Conditions
General Characteristics
Supply Voltage
Single Supply
SliS
li
8
26
8
26
V
See
Figure 3
Split Supplies
$4
$13
$4
$13
V
See
Figure 4
Supply Current
See
Figure 3
Single Supply
5
7
5
8
mA
Measure at Pin 1, S1, S2
Open
Split Supply
See
Figure 4
Positive
5
7
5
8
mA
Measure at Pin 1, S1, S2
Open
Negative
4
6
4
7
mA
Measured at Pin 12, S1, S2
O
Open
Oscillator Section - Frequency Characteristics
Upper Frequency Limit
0.5
1.0
0.5
1.0
MHz
C =500pF, R3 = 2kΩ
Lowest Practical Frequency
0.01
0.01
Hz
C =50
µF, R3 = 2MΩ
Frequency Accuracy
$1
$3
$1
$5
% of fO
Frequency Matching
0.5
0.5
% of fO
Frequency Stability
Temperature
PS
l
20
50
30
ppm/
°C 0°C < TA< 70°C
Power Supply
0.15
0.15
%V
Sweep Range
1000:1
3000:1
1000:1
fH/fL
R3 = 1.5k
Ω for fH1
R3 = 2M
Ω for fL
Sweep Linearity
%
C =5000pF
10:1 Sweep
S
1
2
1.5
fH=10kHz, fL= 1kHz
1000:1 Sweep
5
5
fH=100kHz, fL= 100Hz
FM Distortion
0.1
0.1
%
$10% FM Deviation
Recommended Range of
Timing Resistors
1.5
2000
1.5
2000
k
See Characteristic Curves
Impedance at Timing Pins
75
75
Measured at Pins 4, 5, 6, or 7
DC Level at Timing Terminals
10
10
mV
Binary Keying Inputs
Switching Threshold
1.4
2.2
2.8
1.4
2.2
2.8
V
Measured at Pins 8 and 9,
Referenced to Pin 10
Input Impedance
5
5
k
Notes
Bold face parameters are covered by production test and guaranteed over operating temperature range.


Similar Part No. - XR-2207D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2206 EXAR-XR-2206 Datasheet
191Kb / 16P
   Monolithic Function Generator
XR-2206 EXAR-XR-2206 Datasheet
153Kb / 16P
   Monolithic Function Generator
XR-2206CP EXAR-XR-2206CP Datasheet
191Kb / 16P
   Monolithic Function Generator
XR-2206CP EXAR-XR-2206CP Datasheet
153Kb / 16P
   Monolithic Function Generator
XR-2206D EXAR-XR-2206D Datasheet
191Kb / 16P
   Monolithic Function Generator
More results

Similar Description - XR-2207D

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com