Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2CL9KV-450MA Datasheet(PDF) 2 Page - Anshan Suly Electronics

Part # 2CL9KV-450MA
Description  High voltage rectifier diodes 2CL9KV/450mA Series adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANSHAN [Anshan Suly Electronics]
Direct Link  http://www.hvdiode.com/
Logo ANSHAN - Anshan Suly Electronics

2CL9KV-450MA Datasheet(HTML) 2 Page - Anshan Suly Electronics

  2CL9KV-450MA Datasheet HTML 1Page - Anshan Suly Electronics 2CL9KV-450MA Datasheet HTML 2Page - Anshan Suly Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Anshan
Anshan
Anshan
Anshan
Suly
Suly
Suly
Suly
Electronics
Electronics
Electronics
Electronics
Co.,
Co.,
Co.,
Co.,
Ltd.
Ltd.
Ltd.
Ltd.
ANSHAN SULY ELECTRONICS CO., LTD.
Website: www.hvdiode.com
Tel: +86-412-8220288
Fax: +86-412-8223397
■ Characteristic
Characteristic
Characteristic
Characteristic
Curve
Curve
Curve
Curve
Type
Type
Type
Type
A(mm)
A(mm)
A(mm)
A(mm)
Φ(mm)
(mm)
(mm)
(mm)
2CL9KV/450mA
2CL9KV/450mA
2CL9KV/450mA
2CL9KV/450mA
15
15
15
15
4.5
4.5
4.5
4.5
2CL9KV/450mA
2CL9KV/450mA
2CL9KV/450mA
2CL9KV/450mA
22
22
22
22
7.5
7.5
7.5
7.5
Forward Characteristics
反向特性曲线
Reverse
Reverse
Reverse
Reverse
Characteristics
Characteristics
Characteristics
Characteristics
(2CL71A)
(2CL71A)
(2CL71A)
(2CL71A)
Avalanche Breakdown Voltage Distribution
Reverse Characteristics


Similar Part No. - 2CL9KV-450MA

ManufacturerPart #DatasheetDescription
logo
Anshan Leadsun Electron...
2CL9KV LEADSUN-2CL9KV Datasheet
320Kb / 1P
   High Voltage Diode
More results

Similar Description - 2CL9KV-450MA

ManufacturerPart #DatasheetDescription
logo
Anshan Suly Electronics
QLG5-400KV-2.5A ANSHAN-QLG5-400KV-2.5A Datasheet
165Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
QLG5-500KV-1.0A ANSHAN-QLG5-500KV-1.0A Datasheet
164Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
H.QL5-400KV-2.0A ANSHAN-H.QL5-400KV-2.0A Datasheet
201Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
H.QLG5-500KV-0.5A ANSHAN-H.QLG5-500KV-0.5A Datasheet
220Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QL5-500KV-0.1A ANSHAN-3QL5-500KV-0.1A Datasheet
163Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QL5-500KV-1.5A ANSHAN-3QL5-500KV-1.5A Datasheet
163Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QLG5-300KV-5.0A ANSHAN-3QLG5-300KV-5.0A Datasheet
164Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QLG5-400KV-2.0A ANSHAN-3QLG5-400KV-2.0A Datasheet
165Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QLG5-500KV-0.5A ANSHAN-3QLG5-500KV-0.5A Datasheet
165Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
3QLG5-500KV-1.0A ANSHAN-3QLG5-500KV-1.0A Datasheet
164Kb / 2P
   High voltage rectifier block adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com