Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR-2207M Datasheet(PDF) 6 Page - Exar Corporation

Part # XR-2207M
Description  Voltage-Controlled Oscillator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-2207M Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR-2207M Datasheet HTML 2Page - Exar Corporation XR-2207M Datasheet HTML 3Page - Exar Corporation XR-2207M Datasheet HTML 4Page - Exar Corporation XR-2207M Datasheet HTML 5Page - Exar Corporation XR-2207M Datasheet HTML 6Page - Exar Corporation XR-2207M Datasheet HTML 7Page - Exar Corporation XR-2207M Datasheet HTML 8Page - Exar Corporation XR-2207M Datasheet HTML 9Page - Exar Corporation XR-2207M Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
XR-2207
6
Rev. 2.02
PRECAUTIONS
The following precautions should be observed when
operating the XR-2207 family of integrated circuits:
1.
Pulling excessive current from the timing terminals
will adversely affect the temperature stability of the
circuit. To
minimize
this
disturbance,
it
is
recommended that the total current drawn from pins
4, 5, 6, and 7 be limited to
 6mA. In addition,
permanent damage to the device may occur if the
total timing current exceeds 10mA.
2.
Terminals 2, 3, 4, 5, 6 , and 7 have very low internal
impedance and should, therefore, be protected from
accidental shorting to ground or the supply voltage.
3.
The keying logic pulse amplitude should not exceed
the supply voltage.
SYSTEM DESCRIPTION
The XR-2207 functional blocks are shown in the block
diagram given in
Figure 1. They are a voltage controlled
oscillator (VCO), four current switches which are
controlled by binary keying inputs, and two buffer
amplifiers for triangle and squarewave outputs.
Figure 2
is a simplified XR-2207 schematic diagram that shows the
circuit in greater detail.
The VCO is a modified emitter-coupled current controlled
multivibrator. Its oscillation is inversely proportional to the
value of the timing capacitor connected to pins 2 and 3,
and directly proportional to the total timing current IT. This
current is determined by the resistors that are connected
from the four timing terminals (pins 4, 5, 6 and 7) to
ground, and by the logic levels that are applied to the two
binary keying input terminals (pins 8 and 9). Four different
oscillation frequencies are possible since IT can have four
different values.
The triangle output buffer has a low impedance output
(10
Ω TYP) while the squarewave is an open-collector
type. An external bias input allows the XR-2207 to be
used in either single or split supply applications.
VCC
RL
S2
C
I+
Keying Inputs
Binary
A
8
B
9
GND
10
R1
4
R2
5
R3
6
R4
7
V-
12
BIAS
11
TWO
14
SWO
13
C2
3
C1
2
V+
1
XR-2207
0.1
µF
Output
Square Wave
Output
Triangle Wave
5.1K
3.9K
R2
R1
R3
R4
0.1
µF
S1
Figure 3. Test Circuit for Single Supply Operation
VCC
VCC


Similar Part No. - XR-2207M

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2206 EXAR-XR-2206 Datasheet
191Kb / 16P
   Monolithic Function Generator
XR-2206 EXAR-XR-2206 Datasheet
153Kb / 16P
   Monolithic Function Generator
XR-2206CP EXAR-XR-2206CP Datasheet
191Kb / 16P
   Monolithic Function Generator
XR-2206CP EXAR-XR-2206CP Datasheet
153Kb / 16P
   Monolithic Function Generator
XR-2206D EXAR-XR-2206D Datasheet
191Kb / 16P
   Monolithic Function Generator
More results

Similar Description - XR-2207M

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com