Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR-2206M Datasheet(PDF) 2 Page - Exar Corporation

Part # XR-2206M
Description  Monolithic Function Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-2206M Datasheet(HTML) 2 Page - Exar Corporation

  XR-2206M Datasheet HTML 1Page - Exar Corporation XR-2206M Datasheet HTML 2Page - Exar Corporation XR-2206M Datasheet HTML 3Page - Exar Corporation XR-2206M Datasheet HTML 4Page - Exar Corporation XR-2206M Datasheet HTML 5Page - Exar Corporation XR-2206M Datasheet HTML 6Page - Exar Corporation XR-2206M Datasheet HTML 7Page - Exar Corporation XR-2206M Datasheet HTML 8Page - Exar Corporation XR-2206M Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
XR-2206
2
Rev. 1.03
11
SYNCO
VCO
4
VCC
12
GND
10
BIAS
Timing
Capacitor
5
TC1
6
TC2
Timing
Resistors
7
TR1
8
TR2
9
FSKI
1
AMSI
Current
Switches
Multiplier
And Sine
Shaper
2
STO
3MO
13
WAVEA1
14
WAVEA2
15
SYMA1
16
SYMA2
Figure 1. XR-2206 Block Diagram
+1


Similar Part No. - XR-2206M

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2206 EXAR-XR-2206 Datasheet
153Kb / 16P
   Monolithic Function Generator
XR-2206CP EXAR-XR-2206CP Datasheet
153Kb / 16P
   Monolithic Function Generator
XR-2206D EXAR-XR-2206D Datasheet
153Kb / 16P
   Monolithic Function Generator
XR-2206P EXAR-XR-2206P Datasheet
153Kb / 16P
   Monolithic Function Generator
XR-2206 EXAR-XR-2206_08 Datasheet
153Kb / 16P
   Monolithic Function Generator
More results

Similar Description - XR-2206M

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2206 EXAR-XR-2206_08 Datasheet
153Kb / 16P
   Monolithic Function Generator
logo
NXP Semiconductors
NE566 PHILIPS-NE566 Datasheet
50Kb / 5P
   Function generator
April 15, 1992
logo
TEKTRONIX, INC.
AFG1000 TEKTRONIX-AFG1000 Datasheet
288Kb / 12P
   Arbitrary/Function Generator
AFG2021 TEKTRONIX-AFG2021 Datasheet
796Kb / 12P
   Arbitrary/Function Generator
logo
Good Will Instrument Co...
AFG-2100 GWINSTEK-AFG-2100 Datasheet
691Kb / 2P
   ARBITRARY FUNCTION GENERATOR
logo
List of Unclassifed Man...
AFG2021 ETC2-AFG2021 Datasheet
472Kb / 8P
   Arbitrary/Function Generator
logo
Keysight Technologies
E1445A KEYSIGHT-E1445A Datasheet
133Kb / 4P
   Arbitrary Function Generator
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
logo
List of Unclassifed Man...
4010A ETC2-4010A Datasheet
697Kb / 1P
   2 MHz Function Generator
logo
Keysight Technologies
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
   Function/Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com