Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XR-2206 Datasheet(PDF) 6 Page - Exar Corporation

Part No. XR-2206
Description  Monolithic Function Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-2206 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR-2206 Datasheet HTML 2Page - Exar Corporation XR-2206 Datasheet HTML 3Page - Exar Corporation XR-2206 Datasheet HTML 4Page - Exar Corporation XR-2206 Datasheet HTML 5Page - Exar Corporation XR-2206 Datasheet HTML 6Page - Exar Corporation XR-2206 Datasheet HTML 7Page - Exar Corporation XR-2206 Datasheet HTML 8Page - Exar Corporation XR-2206 Datasheet HTML 9Page - Exar Corporation XR-2206 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
XR-2206
6
Rev. 1.03
5
Figure 2. Basic Test Circuit
Symmetry Adjust
25K
1
6
7
8
9
11
3
2
13
14
15
16
4
10 12
XR-2206
1
mF
VCC
C
R1
R2
FSK Input
S1
THD Adjust
500
Triangle Or
Sine Wave
Output
Square Wave
Output
VCC
10K
1
mF
R3
25K
5.1K
5.1K
VCC
1
mF
Current
Switches
Mult.
And
Sine
Shaper
+1
VCO
+
S1 = Open For Triangle
= Closed For Sinewave
Figure 3. Output Amplitude
as a Function of the Resistor,
R3, at Pin 3
Triangle
Sinewave
26
22
18
14
10
812
16
20
24
28
70
°C Max.
Package
Dissipation
1K
W
2K
W
10K
W
30K
W
Figure 4. Supply Current vs
Supply Voltage, Timing, R
0
20
40
60
80
100
1
2
3
4
5
6
R3 in (KW)
VCC (V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn