Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMA-545G2 Datasheet(PDF) 1 Page - Mini-Circuits

Part # PMA-545G2
Description  Monolithic Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PMA-545G2 Datasheet(HTML) 1 Page - Mini-Circuits

  PMA-545G2 Datasheet HTML 1Page - Mini-Circuits PMA-545G2 Datasheet HTML 2Page - Mini-Circuits PMA-545G2 Datasheet HTML 3Page - Mini-Circuits PMA-545G2 Datasheet HTML 4Page - Mini-Circuits PMA-545G2 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Monolithic Amplifier
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 5
The Big Deal
• High Gain, 30 dB
• Low Noise Figure, 1.0 dB
• High IP3, 34 dBm
Product Overview
Mini-Circuits PMA-545G2+ is a E-PHEMT based Low Noise MMIC Amplifier operating from 1.2 to 1.6 GHz
with a unique combination of low noise and high Gain making this amplifier ideal for sensitive receiver ap-
plications. This design operates on a single +5V supply and is internally matched to 50 Ohms.
Feature
Advantages
High Gain
30 dB
Incorporating multiple stages of amplification, the PMA-545G2+ provides high
gain reducing cost and PCB board space.
Ultra Low Noise:
1.0 dB NF at 1.4 GHz
Excellent Noise Figure, measured in a 50 Ohm environment – without any ex-
ternal matching. When combined with high gain of this design, it suppresses
second stage NF contribution.
High IP3:
+34 dBm IP3 at 1.4 GHz
Combining Low Noise and High IP3 makes this MMIC amplifier ideal for Low
Noise Receiver Front End (RFE) giving the user advantages at both ends of
the dynamic range: sensitivity & two-tone IM dynamic range
Output Power:
+22 dBm at 1.4 GHz
The PMA-545G2+ maintains consistent output power capability over the full
operating temperature range making it ideal to be used in remote applications
such as LNB’s as the L Band driver stage
Broad Band:
1.2 to 1.6 GHz
Covering GPS, INMARSAT, Radar
Internally Matched
No external matching elements required to achieve the advertized noise and
output power over the full band
MCLP Package
Low Inductance, repeatable transitions, excellent thermal pad
Max Input Power
+25 dBm
Ruggedized design operates up to input powers often seen at Receiver
inputs. Eliminating need for an external limiter.
High Reliability
Low, small signal operating current of 160 mA nominal maintains junction
temperatures typically below 130°C at 85°C ground lead temperature
Key Features
3mm x 3mm MCLP Pkg
PMA-545G2+
50
1.1 to 1.6 GHz
Low Noise, High IP3


Similar Part No. - PMA-545G2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PMA-545G1 MINI-PMA-545G1 Datasheet
371Kb / 5P
   Monolithic Amplifier
PMA-545G1-D MINI-PMA-545G1-D Datasheet
357Kb / 6P
   Monolithic Amplifier Die
PMA-545G1-D++ MINI-PMA-545G1-D+ Datasheet
357Kb / 6P
   Monolithic Amplifier Die
PMA-545G1-DF++ MINI-PMA-545G1-DF+ Datasheet
357Kb / 6P
   Monolithic Amplifier Die
PMA-545G1-DG++ MINI-PMA-545G1-DG+ Datasheet
357Kb / 6P
   Monolithic Amplifier Die
More results

Similar Description - PMA-545G2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CMA-62 MINI-CMA-62 Datasheet
420Kb / 5P
   Monolithic Amplifier
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
   Monolithic Amplifier
PMA-5455 MINI-PMA-5455_15 Datasheet
399Kb / 6P
   Monolithic Amplifier
GVA-63 MINI-GVA-63 Datasheet
270Kb / 5P
   Monolithic Amplifier
LVA-123 MINI-LVA-123 Datasheet
291Kb / 5P
   Monolithic Amplifier
MNA-4W MINI-MNA-4W Datasheet
277Kb / 5P
   Monolithic Amplifier
MNA-6A MINI-MNA-6A Datasheet
275Kb / 5P
   Monolithic Amplifier
MNA-6W MINI-MNA-6W Datasheet
276Kb / 5P
   Monolithic Amplifier
PGA-105 MINI-PGA-105 Datasheet
389Kb / 5P
   Monolithic Amplifier
PMA2-43LN MINI-PMA2-43LN Datasheet
305Kb / 6P
   Monolithic Amplifier
PMA3-83LN MINI-PMA3-83LN Datasheet
244Kb / 5P
   Monolithic Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com