Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1462000-0 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 3-1462000-0
Description  2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1462000-0 Datasheet(HTML) 8 Page - Tyco Electronics

  3-1462000-0 Datasheet HTML 1Page - Tyco Electronics 3-1462000-0 Datasheet HTML 2Page - Tyco Electronics 3-1462000-0 Datasheet HTML 3Page - Tyco Electronics 3-1462000-0 Datasheet HTML 4Page - Tyco Electronics 3-1462000-0 Datasheet HTML 5Page - Tyco Electronics 3-1462000-0 Datasheet HTML 6Page - Tyco Electronics 3-1462000-0 Datasheet HTML 7Page - Tyco Electronics 3-1462000-0 Datasheet HTML 8Page - Tyco Electronics 3-1462000-0 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MT2 Relay
IM Relays
4th generation slim line – low profile polarized 2 c/o telecom relay with
bifurcated contacts, available as non latching or latching relay with
1 coil. Nominal voltage range from 1.5... 24 V, coil power consumption
of 140... 200 mW, latching relays with 1 coil 100 mW. The IM relay
is available as through hole and surface mount type (J-Legs and Gull
Wings) and capable to switch loads up to 60 W/62,5 VA. Dielectric
strength fulfills the Bellcore requirements according GR 1089 (2,5 kV
– 2 / 10 µs) and FCC part 68 (1,5 kV – 10 / 160 µs). The IM relay is
CECC/IECQ approved and certified in accordance with IEC/EN 60950
and UL1950. Dimensions approx. 10 x 6 mm board space and
5.65 mm height.
P2 Relays
3rd generation polarized 2 c/o telecom relay with bifurcated contacts,
available as non latching or latching relay with 1 or 2 coils. Nominal
voltage range from 3 ... 24 V, coil power consumption 140 mW,
latching relays with 1 coil 70 mW. The P2 Relay is available as through
hole or surface mount type and capable to switch currents up to 5
A. Dielectric strength fulfills the Bellcore requirements according GR
1089 (2,5 kV – 2 / 10 µs) and FCC part 68 (1,5 kV – 10 / 160 µs).
Dimensions approx. 15 x 7,5 mm board space and 10 mm height.
FX Relays
3rd generation polarized 2 c/o telecom relay with bifurcated contacts,
available as non latching or latching relay with 1 coil. Nominal voltage
range from 3 ... 48 V, coil power consumption of 80 ... 260 mW for the
high sensitive version, 140... 300 mW for the standard version, latching
relays with 1 coil 100 mW. The FX2 relay is available as through hole
type and capable to switch loads up to 60 W/62,5 VA. Dielectric
strength fulfills the Bellcore requirements according GR 1089 (2,5 kV
– 2 / 10 µs) and FCC part 68 (1,5 kV – 10 / 160 µs). The FX2 is CECC/
IECQ approved and certified in accordance with IEC/EN 60950 and
UL1950. Dimensions approx. 15 x 7,5 mm board space and 10,7 mm
height.
FT2 / FU2 Relays
3rd generation non polarized, non latching 2 c/o telecom relay with
bifurcated contacts. Nominal voltage range from 3 ... 48 V, coil power
consumption 200 ... 300 mW. Most sensitive 48 V relay. Available as
through hole and surface mount type. Dielectric strength fulfills the
Bellcore requirements according GR 1089 (2,5 kV – 2 / 10 µs) and FCC
part 68 (1,5 kV – 10 / 160 µs). The FT2/FU2 is CECC/IECQ approved
and certified in accordance with IEC/EN 60950 and UL1950.
Dimensions approx. 15 x 7,5 mm board space and 10 mm height.
FP1 Relays
3rd generation polarized 2 c/o telecom relay with bifurcated contacts,
available as non latching or latching relay with 1 or 2 coils. Nominal
voltage range from 3 ... 48 V, coil power consumption of 80 ... 260 mW
for the high sensitive version, 140... 300 mW for the standard version,
latching relays with 1 coil 100 mW.. The FP1 Relay is available as
through hole type and capable to switch loads up to
30 W/62,5 VA. Dielectric strength fulfills FCC part 68 (1,5 kV – 10 /
160 µs). The FP2 is CECC/IECQ approved. Dimensions approx.
14 x 9 mm board space and 5 mm height.
MT2 / MT4
2nd generation non polarized, non latching 2 c/o and 4 c/o telecom and
signal relay with bifurcated contacts. Nominal voltage range from 4.5 ...
48 V, coil power consumption 150/200/300/400 and
550 mW, and 300 mW (MT4). Dielectric strength fulfills the
requirements according FCC part 68 (1,5 kV – 10 / 160 µs) for both
and the Bellcore requirements according GR 1089 (2,5 kV – 2 / 10 µs)
the MT4 only.
Dimensions MT2 approx. 20 x 10 mm board space and 11 mm height,
MT4 approx. 20 x15 mm board space and 11 mm height.
D2n Relays
2nd generation non polarized 2 c/o relay for telecom and various
other applications. Nominal voltage range from 3 ... 48 V, coil power
consumption from 150 .... 500 mW. The D2n relay is capable to
switch currents up to 3 A. Dielectric strength fulfills the requirements
according FCC part 68 (1,5 kV – 10 / 160 µs). Dimensions approx.
20 x10 mm board space and 11,5 mm height.
P1 Relays
Extremely sensitive, polarized 1 c/o relay with bifurcated contacts for
a wide range of applications, available as non latching or latching relay
with 1 or 2 coils. Nominal voltage range from 3 ... 24 V, coil power
consumption 65 mW, latching relays with 1 coil 30 mW. The P1 relay
is available as through hole or surface mount type and capable to
switch currents up to 1 A. Dielectric strength fulfills the requirements
according FCC part 68 (1,5 kV – 10 / 160 µs). Dimensions approx.
13 x 7,6 mm board space and 7 mm height for THT or 8 mm height for
SMT version.
W11 Relays
Low cost, non polarized 1 c/o relay for various applications. Nominal
voltage range from 3 ... 24 V, coil power consumption 450 mW,
sensitive versions 200 mW. The W11 relay is capable to switch
currents up to 3 A. Dielectric strength 1000 Vrms. Dimensions approx.
15,6 x 10,6 mm board space and 11,5 mm height.
Reed Relays
High sensitive, non polarized relay for telecom and various other
applications, available with 1 n/o, 2 n/o or 1c/o contacts. Nominal
voltage range from 5 ... 24 V, coil power consumption 50...280 mW
for 1 n/o and 125 ... 280 mW for 2 n/o or 1 c/o versions. Reedrelays
are available in DIP or SIL housing and capable to switch currents up to
0,5 A. Integrated diode and/or electrostatic shield optional. Dielectric
strength 1500 Vdc. Dimensions approx. 19,3 x 7 mm board space and
5 ... 7,5 mm height for DIP or 19,8 x 5 mm board space and 7,8 mm
height for SIL version.
Cradle Relays
Extremely reliable and mature relay family of 1st generation for various
signal switching applications. Available as non polarized, polarized
/ latching and relay with AC coil. The benefit is the possibility of
combining various contact sets from 1 up to 6 poles, single and
bifurcated contacts, different contact materials with a coil voltage
range from 1,5 Vdc to 220 Vac. Cradle relays are available as dust
protected and hermetically sealed versions, with plug in or solder
terminals and are capable to switch currents up to 5 A. Forcibly
guided (linked) contact sets optional. Dielectric strength 500 Vrms.
Dimensions from approx. 19 x 24 to 19x35 mm board space and
30 mm height.
Other Relays
We offer a variety of different relay families for maintenance and
replacement purposes. These relays are up to 60 years old now, such
as Card Relay SN (V23030 / V23031 series), Small General Purpose
Relay (V23006 series), Small Polarized Relay (V23063 ... V23067
and V23163 ... V23167 series). Accessories like sockets, hold down
springs, etc. optional.
HF3 Relay
High performance low cost RF relay with excellent RF characteristics.
Available with an impedance of 50 and 75 Ohm. Suitable for frequen-
cies up to 3 GHz. Actually smallest RF relay available combining small
size, excellent RF performance and SMD solderability. Available as non
latching or latching relay with 1 or 2 coils and a nominal coil voltage
range from 3 ... 24 V, coil power consumption 140 mW, latching relays
with 1 coil 70 mW. Dimensions 14.6 x 7.3 x 10 mm.
Page 8 (9)
108-98006 Rev. C


Similar Part No. - 3-1462000-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1462000-0 MACOM-3-1462000-0 Datasheet
488Kb / 9P
   MT2 Relay
3-1462000-0 MACOM-3-1462000-0 Datasheet
488Kb / 9P
   The Best Relaytion
More results

Similar Description - 3-1462000-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT2RELAY MACOM-MT2RELAY Datasheet
274Kb / 9P
   2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE(THT) NON-POLARIZED NON-LATCHING 1 COIL
MT2-C93403 MACOM-MT2-C93403 Datasheet
488Kb / 9P
   2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
V23101-D0101-A201 MACOM-V23101-D0101-A201 Datasheet
1Mb / 13P
   1 pole PCB relay, non-polarized
logo
Fujitsu Component Limit...
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
Tyco Electronics
FCA-150 MACOM-FCA-150 Datasheet
374Kb / 6P
   Non-latching relay
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
DB Lectro Inc
CN1A100KC DBLECTRO-CN1A100KC Datasheet
526Kb / 13P
   CHIP TYPE, NON-POLARIZED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com