Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA-106W-75 Datasheet(PDF) 3 Page - Mini-Circuits

Part # PGA-106W-75
Description  Monolithic Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PGA-106W-75 Datasheet(HTML) 3 Page - Mini-Circuits

  PGA-106W-75 Datasheet HTML 1Page - Mini-Circuits PGA-106W-75 Datasheet HTML 2Page - Mini-Circuits PGA-106W-75 Datasheet HTML 3Page - Mini-Circuits PGA-106W-75 Datasheet HTML 4Page - Mini-Circuits PGA-106W-75 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Monolithic E-PHEMT MMIC Amplifier
Page 3 of 5
Parameter
Ratings
Operating Temperature (ground lead)
-40°C to 85°C
Storage Temperature
-65°C to 150°C
Operating Current at 5.0V
170 mA
Power Dissipation
0.85 W
Input Power (CW)
+26 dBm (5 minutes)
+14 dBm (continuous)
DC Voltage on Pin 3
6 V
Permanent damage may occur if any of these limits are exceeded.
Electrical maximum ratings are not intended for continuous normal operation.
Absolute Maximum Ratings
Electrical Specifications at 25°C, 75Ω and 5.0V, unless noted
PGA-106W-75+
(1) Measured on Mini-Circuits Characterization Test board TB-587+. See Characterization Test Circuit (Fig. 1a)
(2) Measured on Mini-Circuits characterization Eval Board TB-696+ see characterization test circuit. (Fig. 1b)
(3) Output IP2 measured at sum frequency of the two tones (fmeas=f1+f2).
(4) Junction to ground lead.
(5) (Current at 85°C - Current at -45°C)/130
Parameter
Condition (GHz)
Without Ext. mat (1)
With Ext. mat (2)
Units
Min.
Typ.
Max.
Typ.
Frequency Range
0.95
2.15
GHz
Histogram
0
1000
2000
3000
4000
5000
6000
7000
mA
USL
Gain
0.95
16.9
17.3
dB
1.5
14.3
15.9
17.5
16.4
2.15
14.7
15.7
Input Return Loss
0.95
12.2
21.2
dB
1.5
9.5
15.3
2.15
7.6
11.8
Output Return Loss
0.95
14.8
15.9
dB
1.5
10.5
14.2
2.15
7.6
12.7
Reverse Isolation
1.5
25.4
29.4
dB
Output Power @1 dB compression
0.95
18.8
19.2
dBm
1.5
19.5
19.8
2.15
21.5
19.6
Output IP3
0.95
35.8
36.3
dBm
1.5
35.6
35.0
2.15
35.6
34.6
Output IP2 (3)
0.95
57.2
55.4
dBm
1.5
53.2
52.1
2.15
50.8
61.3
Noise Figure
0.95
3.1
3.1
dB
1.5
3.6
3.5
2.15
3.9
3.9
Device Operating Voltage (Vd)
4.8
5.0
5.2
V
Device Operating Current
116
132
mA
Device Current Variation vs. Temperature(5)
97
μA/°C
Device Current Variation vs Voltage
0.05
mA/mV
Thermal Resitance(4)
76
°C/W


Similar Part No. - PGA-106W-75

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PGA-106-75 MINI-PGA-106-75 Datasheet
252Kb / 5P
   Monolithic Amplifier
PGA-106R-75 MINI-PGA-106R-75 Datasheet
248Kb / 5P
   Monolithic Amplifier
More results

Similar Description - PGA-106W-75

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CMA-62 MINI-CMA-62 Datasheet
420Kb / 5P
   Monolithic Amplifier
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
   Monolithic Amplifier
PMA-5455 MINI-PMA-5455_15 Datasheet
399Kb / 6P
   Monolithic Amplifier
GVA-63 MINI-GVA-63 Datasheet
270Kb / 5P
   Monolithic Amplifier
LVA-123 MINI-LVA-123 Datasheet
291Kb / 5P
   Monolithic Amplifier
MNA-4W MINI-MNA-4W Datasheet
277Kb / 5P
   Monolithic Amplifier
MNA-6A MINI-MNA-6A Datasheet
275Kb / 5P
   Monolithic Amplifier
MNA-6W MINI-MNA-6W Datasheet
276Kb / 5P
   Monolithic Amplifier
PGA-105 MINI-PGA-105 Datasheet
389Kb / 5P
   Monolithic Amplifier
PMA2-43LN MINI-PMA2-43LN Datasheet
305Kb / 6P
   Monolithic Amplifier
PMA3-83LN MINI-PMA3-83LN Datasheet
244Kb / 5P
   Monolithic Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com