Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP25 Datasheet(PDF) 3 Page - ISOCOM COMPONENTS

Part # ISP25
Description  Normally Open Single Pole Single Throw Relay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ISP25 Datasheet(HTML) 3 Page - ISOCOM COMPONENTS

  ISP25 Datasheet HTML 1Page - ISOCOM COMPONENTS ISP25 Datasheet HTML 2Page - ISOCOM COMPONENTS ISP25 Datasheet HTML 3Page - ISOCOM COMPONENTS ISP25 Datasheet HTML 4Page - ISOCOM COMPONENTS ISP25 Datasheet HTML 5Page - ISOCOM COMPONENTS ISP25 Datasheet HTML 6Page - ISOCOM COMPONENTS ISP25 Datasheet HTML 7Page - ISOCOM COMPONENTS ISP25 Datasheet HTML 8Page - ISOCOM COMPONENTS ISP25 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 11/09/2015
ISP06, ISP25, ISP40, ISP60
ISOCOM
COMPONENTS
DC93188
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
COUPLED
Turn on / Turn off Time
Parameter
Symbol
Test Condition
Min
Typ.
Max
Unit
LED
Turn On Current
IF(on)
IL = Max
2.5
5
mA
LED
Turn Off Current
IF(off)
IL = Max
0.4
2.5
mA
Turn On Time
Ton
IF = 10mA, IL = Max, RL = 200Ω
ms
ISP06
1.4
3
ISP25
1.2
3
ISP40
0.4
3
ISP60
1.4
3
Turn Off Time
Toff
IF = 10mA, IL = Max, RL = 200Ω
ms
ISP40
0.05
0.5
ISP60
0.05
0.5
ISP06
0.05
0.5
ISP25
0.05
0.5
Isolation Resistance
RI-O
VI-O = 500VDC
5 x 1010
Isolation Capacitance
CI-O
V = 0V, f = 1MHz
1.5
pF


Similar Part No. - ISP25

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISP25DP06LM INFINEON-ISP25DP06LM Datasheet
1Mb / 11P
   OptiMOSTM Small Signal Transistor, -60 V
Rev.2.0,2019-03-26
ISP25DP06LMS INFINEON-ISP25DP06LMS Datasheet
745Kb / 11P
   MOSFET OptiMOSTM Small Signal Transistor, -60 V
Rev. 2.1, 2019-01-30
ISP25DP06NM INFINEON-ISP25DP06NM Datasheet
1Mb / 11P
   MOSFET OptiMOSTM Small Signal Transistor, -60 V
Rev. 2.0, 2019-03-26
More results

Similar Description - ISP25

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
D2N130CD NIEC-D2N130CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
D2N140CD NIEC-D2N140CD Datasheet
171Kb / 3P
   Single Pole, Single Throw Normally Open
logo
IXYS Corporation
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
   Single-Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
   Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com