Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62480RNCT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62480RNCT
Description  2-Phase Step-Down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62480RNCT Datasheet(HTML) 4 Page - Texas Instruments

  TPS62480RNCT Datasheet HTML 1Page - Texas Instruments TPS62480RNCT Datasheet HTML 2Page - Texas Instruments TPS62480RNCT Datasheet HTML 3Page - Texas Instruments TPS62480RNCT Datasheet HTML 4Page - Texas Instruments TPS62480RNCT Datasheet HTML 5Page - Texas Instruments TPS62480RNCT Datasheet HTML 6Page - Texas Instruments TPS62480RNCT Datasheet HTML 7Page - Texas Instruments TPS62480RNCT Datasheet HTML 8Page - Texas Instruments TPS62480RNCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
TPS62480
SLVSCL9A – FEBRUARY 2016 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS62480
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network ground terminal.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Pin Voltage Range(2)
VIN
-0.3
6
V
SW1, SW2
-0.3
VIN+0.3
V
EN, VSEL, MODE, SS/TR, PG, TG
-0.3
6
V
FB, RS
-0.3
3
V
Power Good / Thermal Good Sink Current
PG, TG
10
mA
Operating Junction Temperature Range, TJ
-40
150
°C
Storage Temperature Range, Tstg
-65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±1000
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
all pins(2)
±500
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
Supply Voltage Range, VIN
2.4
5.5
V
Output Voltage Range, VOUT
0.6
5.5
V
Maximum Output Current, IOUT
6
A
Operating junction temperature, TJ
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
See the Layout section.
6.4 Thermal Information
THERMAL METRIC(1)
TPS62480
UNIT
RNC 16 PINS
JEDEC with
thermal vias(2)
JEDEC
standard
RθJA
Junction-to-ambient thermal resistance
26.4
56.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
32.2
32.2
°C/W
RθJB
Junction-to-board thermal resistance
10.2
26.5
°C/W
ψJT
Junction-to-top characterization parameter
0.9
1.3
°C/W
ψJB
Junction-to-board characterization parameter
10.2
26.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
-
-
°C/W


Similar Part No. - TPS62480RNCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400 TI-TPS62400 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400 Datasheet
209Kb / 8P
[Old version datasheet]   Power for C5504/05
TPS62400 TI-TPS62400 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Similar Description - TPS62480RNCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR16020 TI1-LMR16020 Datasheet
161Kb / 9P
[Old version datasheet]   2 A Step-Down Converter
LP8755 TI1-LP8755_14 Datasheet
1Mb / 51P
[Old version datasheet]   Multi-Phase 6-Core Step-Down Converter
logo
SG Micro Corp
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
   Step-Down Converter
logo
Richtek Technology Corp...
RT6212C RICHTEK-RT6212C Datasheet
848Kb / 16P
   Step-Down Converter
logo
Semtech Corporation
SC2441 SEMTECH-SC2441 Datasheet
718Kb / 35P
   Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A_09 Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
logo
SG Micro Corp
SGM6130 SGMICRO-SGM6130 Datasheet
347Kb / 14P
   Step-Down Converter
logo
Linear Technology
LT3742 LINER-LT3742 Datasheet
283Kb / 24P
   Dual, 2-Phase Step-Down Switching Controller
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935 Datasheet
1Mb / 17P
   Step-Down Converter
Rev 2; 3/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com