Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54427DDAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54427DDAR
Description  4.5-V to 18-V Input, 4-A Output Single Synchronous Step-Down Switcher
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54427DDAR Datasheet(HTML) 5 Page - Texas Instruments

  TPS54427DDAR Datasheet HTML 1Page - Texas Instruments TPS54427DDAR Datasheet HTML 2Page - Texas Instruments TPS54427DDAR Datasheet HTML 3Page - Texas Instruments TPS54427DDAR Datasheet HTML 4Page - Texas Instruments TPS54427DDAR Datasheet HTML 5Page - Texas Instruments TPS54427DDAR Datasheet HTML 6Page - Texas Instruments TPS54427DDAR Datasheet HTML 7Page - Texas Instruments TPS54427DDAR Datasheet HTML 8Page - Texas Instruments TPS54427DDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
TPS54427
www.ti.com
SLVSB43C – NOVEMBER 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS54427
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
6.4 Thermal Information
THERMAL METRIC(1)
TPS54427
UNIT
DDA [SO PowerPAD]
DRC [VSON]
8 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
42.1
43.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
50.9
53.8
°C/W
RθJB
Junction-to-board thermal resistance
31.8
18.2
°C/W
ψJT
Junction-to-top characterization parameter
5
0.6
°C/W
ψJB
Junction-to-board characterization parameter
13.5
18.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.1
4.7
°C/W
(1)
Not production tested.
6.5 Electrical Characteristics
over operating free-air temperature range, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IVIN
Operating - non-switching supply current
VIN current, TA = 25°C, EN = 5 V,
VFB = 0.8 V
950
1400
μA
IVINSDN
Shutdown supply current
VIN current, TA = 25°C, EN = 0 V
3.0
10
μA
LOGIC THRESHOLD
VENH
EN high-level input voltage
EN
1.6
V
VENL
EN low-level input voltage
EN
0.6
V
REN
EN pin resistance to GND
VEN = 12 V
225
450
900
k
Ω
VFB VOLTAGE AND DISCHARGE RESISTANCE
VFBTH
VFB threshold voltage
TA = 25°C, VO = 1.05 V, continuous mode
mode
757
765
773
mV
TA = –40°C to 85°C, VO = 1.05 V,
continuous mode mode(1)
751
765
779
IVFB
VFB input current
VFB = 0.8 V, TA = 25°C
0
±0.1
μA
VREG5 OUTPUT
VVREG5
VREG5 output voltage
TA = 25°C, 6.0 V < VIN < 18 V,
0 < IVREG5 < 5 mA
5.2
5.5
5.7
V
VLN5
Line regulation
6 V < VIN < 18 V, IVREG5 = 5 mA
25
mV
VLD5
Load regulation
0 mA < IVREG5 < 5 mA
100
mV
IVREG5
Output current
VIN = 6 V, VREG5 = 4.0 V, TA = 25°C
60
mA
MOSFET
RDS(on)h
High side switch resistance (DDA)
25°C, VBST - SW = 5.5 V
70
m
High side switch resistance (DRC)
74
RDS(on)l
Low side switch resistance
25°C
53
m
CURRENT LIMIT
Iocl
Current limit
L out = 1.5 µH (1)
4.6
5.3
6.8
A


Similar Part No. - TPS54427DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54427DDAR TI1-TPS54427DDAR Datasheet
964Kb / 21P
[Old version datasheet]   4.5V to 18 V Input, 4-A Output Single Synchronous Step-Down Switcher with Integrated FET (SWIFT??
More results

Similar Description - TPS54427DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
TPS54325-Q1 TI1-TPS54325-Q1 Datasheet
669Kb / 18P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS53511 TI-TPS53511_15 Datasheet
940Kb / 24P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI1-TPS53511_17 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511 Datasheet
916Kb / 21P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com