Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54427DDA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54427DDA
Description  4.5-V to 18-V Input, 4-A Output Single Synchronous Step-Down Switcher
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54427DDA Datasheet(HTML) 1 Page - Texas Instruments

  TPS54427DDA Datasheet HTML 1Page - Texas Instruments TPS54427DDA Datasheet HTML 2Page - Texas Instruments TPS54427DDA Datasheet HTML 3Page - Texas Instruments TPS54427DDA Datasheet HTML 4Page - Texas Instruments TPS54427DDA Datasheet HTML 5Page - Texas Instruments TPS54427DDA Datasheet HTML 6Page - Texas Instruments TPS54427DDA Datasheet HTML 7Page - Texas Instruments TPS54427DDA Datasheet HTML 8Page - Texas Instruments TPS54427DDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
V
(50 mV/div)
out
I
(2 A/div)
out
100 µs/div
TPA54427DDA
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS54427
SLVSB43C – NOVEMBER 2011 – REVISED FEBRUARY 2016
TPS54427 4.5-V to 18-V Input, 4-A Output Single Synchronous Step-Down Switcher With
Integrated FET
1
1 Features
1
D-CAP2™ Mode Enables Fast Transient
Response
Low Output Ripple and Allows Ceramic Output
Capacitor
Wide VIN Input Voltage Range: 4.5 V to 18 V
Output Voltage Range: 0.76 V to 7.0 V
Highly Efficient Integrated FETs Optimized
for Lower Duty Cycle Applications
– 70 m
Ω (High Side) and 53 mΩ (Low Side)
High Efficiency, Less Than 10
μA at Shutdown
High Initial Bandgap Reference Accuracy
Adjustable Soft Start
Pre-Biased Soft Start
650-kHz Switching Frequency (fSW)
Cycle by Cycle Over Current Limit
2 Applications
Wide Range of Applications for Low Voltage
System
Digital TV Power Supply
High Definition Blu-ray Disc™ Players
Networking Home Terminal
Digital Set Top Box (STB)
3 Description
The TPS54427 is an adaptive on-time D-CAP2™
mode synchronous buck converter. The TPS54427
enables system designers to complete the suite of
various end equipment’s power bus regulators with a
cost effective, low component count, low standby
current solution.
The main control loop for the TPS54427 uses the D-
CAP2™ mode control which provides a fast transient
response
with
no
external
compensation
components.
The TPS54427 also has a proprietary circuit that
enables the device to adopt to both low equivalent
series resistance (ESR) output capacitors, such as
POSCAP or SP-CAP, and ultra-low ESR ceramic
capacitors.
The device operates from 4.5-V to 18-V VIN input.
The output voltage can be programmed between
0.76 V and 7 V.
The device also features an adjustable soft start time.
The TPS54427 is available in the 8-pin DDA package
and 10-pin DRC, and is designed to operate from
–40°C to 85°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS54427
SO PowerPAD™ (8) 4.89 mm × 3.90 mm
VSON (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
TPS54427 Transient Response


Similar Part No. - TPS54427DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54427DDA TI1-TPS54427DDA Datasheet
964Kb / 21P
[Old version datasheet]   4.5V to 18 V Input, 4-A Output Single Synchronous Step-Down Switcher with Integrated FET (SWIFT??
TPS54427DDAR TI1-TPS54427DDAR Datasheet
964Kb / 21P
[Old version datasheet]   4.5V to 18 V Input, 4-A Output Single Synchronous Step-Down Switcher with Integrated FET (SWIFT??
More results

Similar Description - TPS54427DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
TPS54325-Q1 TI1-TPS54325-Q1 Datasheet
669Kb / 18P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS53511 TI-TPS53511_15 Datasheet
940Kb / 24P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI1-TPS53511_17 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511 Datasheet
916Kb / 21P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com