Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22918 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22918
Description  52Ohm On-Resistance Load Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22918 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS22918 Datasheet HTML 10Page - Texas Instruments TPS22918 Datasheet HTML 11Page - Texas Instruments TPS22918 Datasheet HTML 12Page - Texas Instruments TPS22918 Datasheet HTML 13Page - Texas Instruments TPS22918 Datasheet HTML 14Page - Texas Instruments TPS22918 Datasheet HTML 15Page - Texas Instruments TPS22918 Datasheet HTML 16Page - Texas Instruments TPS22918 Datasheet HTML 17Page - Texas Instruments TPS22918 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
14
TPS22918
SLVSD76A – FEBRUARY 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS22918
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.3.2.1 QOD when System Power is Removed
The adjustable QOD can be used to control the power down sequencing of a system even when the system
power supply is removed. When the power is removed, the input capacitor discharges at VIN. Past a certain VIN
level, the strength of the RPD will be reduced. If there is still remaining charge on the output capacitor, this will
result in longer fall times. For further information regarding this condition, refer to Shutdown Sequencing During
Unexpected System Power Loss.
8.3.2.2
Internal QOD Considerations
Special considerations must be taken when using the internal RPD by shorting the QOD pin to the VOUT pin. The
internal RPD is a pulldown resistance designed to quickly discharge a load after the switch has been disabled.
Care must be used to ensure that excessive current does not flow through RPD during discharge so that the
maximum TJ of 125°C is not exceeded. When using only the internal RPD to discharge a load, the total capacitive
load must not exceed 200 µF. Otherwise, an external resistor, REXT, must be used to ensure the amount of
current flowing through RPD is properly limited and the maximum TJ is not exceeded. To ensure the device is not
damaged, the remaining charge from CL must decay naturally through the internal QOD resistance and should
not be driven.
8.3.3 Adjustable Rise Time (CT)
A capacitor to GND on the CT pin sets the slew rate of VOUT. The CT capacitor will charge up until shortly after
the switch is turned on and VOUT becomes stable. Once VOUT become stable, the capactior will discharge to
ground. An approximate formula for the relationship between CT and the slew rate is shown in Equation 3:
SR = 0.55× CT + 30
where
SR = slew rate (in µs/V)
CT = the capacitance value on the CT pin (in pF)
The units for the constant 28 are µs/V. The units for the constant 0.52 are µs/(V × pF).
(3)
This equation accounts for 10% to 90% measurement on VOUT and does not apply for CT = 0 pF. Use Table 2 to
determine rise times for when CT = 0 pF.
Rise time can be calculated by multiplying the input voltage by the slew rate. Table 2 contains rise time values
measured on a typical device.
(1)
Typical values at 25°C with a 25 V X7R 10% ceramic capacitor on CT.
Table 2. Rise Time Table
CT× (pF)
RISE TIME (µs) 10% - 90%, CL = 0.1 µF, CIN = 1 µF, RL = 10 Ω
(1)
VIN = 5 V
VIN = 3.3 V VIN = 2.5 V VIN = 1.8 V VIN = 1.5 V VIN = 1.2 V VIN = 1.0 V
0
135
95
75
60
50
45
40
220
650
455
350
260
220
185
160
470
1260
850
655
480
415
340
300
1000
2540
1680
1300
960
810
660
560
2200
5435
3580
2760
2020
1715
1390
1220
4700
12050
7980
6135
4485
3790
3120
2735
10000
26550
17505
13460
9790
8320
6815
5950
As the voltage across the capacitor approaches the capacitor rated voltage, the effective capacitance reduces.
Depending on the dielectric material used, the voltage coefficient changes. See Table 3 for the recommended
minimum voltage rating for the CT capacitor. If using VIN = 1.2 V or 4 V, it is recommended to use the higher of
the two CT Voltage ratings specified.


Similar Part No. - TPS22918

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22918 TI1-TPS22918 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918DBVR TI1-TPS22918DBVR Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918DBVT TI1-TPS22918DBVT Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
More results

Similar Description - TPS22918

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
[Old version datasheet]   On-Resistance Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
logo
Fairchild Semiconductor
FPF1038 FAIRCHILD-FPF1038 Datasheet
622Kb / 3P
   Low On-Resistance, Slew-Rate-Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com