Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS715A33DRVTG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS715A33DRVTG4
Description  24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS715A33DRVTG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS715A33DRVTG4 Datasheet HTML 1Page - Texas Instruments TPS715A33DRVTG4 Datasheet HTML 2Page - Texas Instruments TPS715A33DRVTG4 Datasheet HTML 3Page - Texas Instruments TPS715A33DRVTG4 Datasheet HTML 4Page - Texas Instruments TPS715A33DRVTG4 Datasheet HTML 5Page - Texas Instruments TPS715A33DRVTG4 Datasheet HTML 6Page - Texas Instruments TPS715A33DRVTG4 Datasheet HTML 7Page - Texas Instruments TPS715A33DRVTG4 Datasheet HTML 8Page - Texas Instruments TPS715A33DRVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
OUT
NC
NC
FB/NC
IN
NC
NC
GND
1
2
3
4
8
7
6
5
OUT
NC
FB/NC
IN
NC
GND
1
2
3
6
5
4
3
TPS715A
www.ti.com
SBVS047H – MAY 2004 – REVISED MARCH 2016
Product Folder Links: TPS715A
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DRV Package
6-Pin SON
Top View
DRB Package
8-Pin SON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
8-PIN SON
6-PIN SON
FIXED
ADJ.
FIXED
ADJ.
FB
5
4
I
Adjustable version. This pin is used to set the output voltage.
GND
4, Pad
4, Pad
3, Pad
3, Pad
Ground
IN
1
1
1
1
I
Unregulated input voltage
NC
2, 3, 5,
6, 7
2, 3, 6, 7
2, 4, 5
2, 5
No connection. Can be left open or tied to ground for improved
thermal performance.
OUT
8
8
6
6
O
Regulated output voltage, any output capacitor
≥ 0.47 μF can be
used for stability.
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input supply voltage, VIN
–0.3
24
V
Peak output current
Internally limited
Continuous total power dissipation
See Thermal Information
Junction temperature, TJ
–40
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input supply voltage
2.5
24
V
IOUT
Output current
0
80
mA
CIN
Input capacitor
0
0.047
µF
COUT
Output capacitor
0.47
1
µF


Similar Part No. - TPS715A33DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A33DRVTG4 TI-TPS715A33DRVTG4 Datasheet
920Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
TPS715A33DRVTG4 TI1-TPS715A33DRVTG4 Datasheet
820Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA LDO LINEAR REGULATORS
More results

Similar Description - TPS715A33DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A TI-TPS715A_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS715A, 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A01 TI-TPS715A01 Datasheet
285Kb / 11P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED 80-mA LDO LINEAR REGULATORS
logo
List of Unclassifed Man...
MAS9162 ETC1-MAS9162 Datasheet
89Kb / 8P
   80 mA LDO VOLTAGE REGULATOR IC
logo
RICOH electronics devic...
R1155 RICOH-R1155 Datasheet
563Kb / 26P
   150 mA 24 V Input High Voltage Regulator
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
logo
Microchip Technology
MCP1799 MICROCHIP-MCP1799 Datasheet
1Mb / 25P
   80 mA High-Voltage Automotive LDO
05/14/19
logo
STMicroelectronics
ST715XX STMICROELECTRONICS-ST715XX Datasheet
382Kb / 19P
   High input voltage - 85 mA LDO linear regulator
ST715 STMICROELECTRONICS-ST715_V01 Datasheet
604Kb / 24P
   High input voltage, 85 mA LDO linear regulator
October 2020 Rev 15
LDK715 STMICROELECTRONICS-LDK715 Datasheet
542Kb / 18P
   High input voltage 85 mA LDO linear regulator
July 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com