Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76333QDBVRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76333QDBVRQ1
Description  Low-Power, 150-mA, Low-Dropout Linear Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76333QDBVRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS76333QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS76333QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS76333QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS76333QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS76333QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS76333QDBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS76333QDBVRQ1 Datasheet HTML 10Page - Texas Instruments TPS76333QDBVRQ1 Datasheet HTML 11Page - Texas Instruments TPS76333QDBVRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
50
−50
0
−100
100
0
200
t − Time − µs
CO = 4.7 µF
ESR = 0.25 Ω
TJ = 25°C
0
60
40
20
80
100
140
120
160
180 200
−150
5
−50
0
−100
7
6
8
t − Time − µs
0
150
100
50
200
250
350
300
400
450 500
50
dv
dt
1 V
10 ms
CO = 4.7 µF
ESR = 0.25 Ω
TJ = 25°C
=
4
2
3
1
0
−20
20
t − Time − µs
0
60
40
20
80
100
140
120
160
180 200
−30
CO = 4.7 µF
ESR = 0.25 Ω
TJ = 25°C
dv
dt
1 V
10 s
5
10 M
1 M
100 k
10 k
1 k
100
f − Frequency − Hz
70
60
50
40
30
20
10
0
− 10
10
CO = 4.7 µF
ESR = 1 Ω
TJ = 25°C
IO = 150 mA
IO = 1 mA
0.1
0.1
1
1000
10
0.01
10
1
f − Frequency − kHz
100
CI = CO = 4.7 µF
ESR = 1 Ω
TJ = 25°C
IO = 150 mA
IO = 1 mA
TJ − Junction Temperature − °C
200
0
−35
5
300
100
−15
25
125
600
−55
45
65
400
500
VI = EN = 2.7 V
CI = CO = 4.7 µF
85
105
1 mA
150 mA
0 mA
8
TPS763-Q1, TPS76301-Q1, TPS76316-Q1, TPS76318-Q1
TPS76325-Q1, TPS76330-Q1, TPS76333-Q1, TPS76350-Q1
SGLS247B – SEPTEMBER 2011 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS763-Q1 TPS76301-Q1 TPS76316-Q1 TPS76318-Q1 TPS76325-Q1 TPS76330-Q1
TPS76333-Q1 TPS76350-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 9. Output Impedance vs Frequency
Figure 10. TYPS76325-Q1 Dropout Voltage vs Free-Air
Temperature
Figure 11. TPS76325-Q1 Ripple Rejection vs Frequency
Figure 12. TPS76318-Q1 Line Transient Response
Figure 13. TPS76318-Q1 Load Transient Response
Figure 14. TPS76350-Q1 Line Transient Response


Similar Part No. - TPS76333QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76333QDBVRQ1 TI1-TPS76333QDBVRQ1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76333QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com