Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76325QDBVRG4Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76325QDBVRG4Q1
Description  Low-Power, 150-mA, Low-Dropout Linear Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76325QDBVRG4Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS76325QDBVRG4Q1 Datasheet HTML 1Page - Texas Instruments TPS76325QDBVRG4Q1 Datasheet HTML 2Page - Texas Instruments TPS76325QDBVRG4Q1 Datasheet HTML 3Page - Texas Instruments TPS76325QDBVRG4Q1 Datasheet HTML 4Page - Texas Instruments TPS76325QDBVRG4Q1 Datasheet HTML 5Page - Texas Instruments TPS76325QDBVRG4Q1 Datasheet HTML 6Page - Texas Instruments TPS76325QDBVRG4Q1 Datasheet HTML 7Page - Texas Instruments TPS76325QDBVRG4Q1 Datasheet HTML 8Page - Texas Instruments TPS76325QDBVRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
TPS763-Q1, TPS76301-Q1, TPS76316-Q1, TPS76318-Q1
TPS76325-Q1, TPS76330-Q1, TPS76333-Q1, TPS76350-Q1
SGLS247B – SEPTEMBER 2011 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS763-Q1 TPS76301-Q1 TPS76316-Q1 TPS76318-Q1 TPS76325-Q1 TPS76330-Q1
TPS76333-Q1 TPS76350-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Voltage Options ..................................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics........................................... 5
7.6
Typical Characteristics .............................................. 6
8
Detailed Description ............................................ 10
8.1
Overview ................................................................. 10
8.2
Functional Block Diagram ....................................... 10
8.3
Feature Description................................................. 10
8.4
Device Functional Modes........................................ 11
9
Application and Implementation ........................ 12
9.1
Application Information............................................ 12
9.2
Typical Application ................................................. 12
10
Power Supply Recommendations ..................... 15
11
Layout................................................................... 15
11.1
Layout Guidelines ................................................. 15
11.2
Layout Example .................................................... 15
11.3
Power Dissipation and Junction Temperature ...... 15
12
Device and Documentation Support ................. 16
12.1
Device Support .................................................... 16
12.2
Documentation Support ........................................ 16
12.3
Related Links ........................................................ 16
12.4
Community Resource............................................ 16
12.5
Trademarks ........................................................... 16
12.6
Electrostatic Discharge Caution ............................ 17
12.7
Glossary ................................................................ 17
13
Mechanical, Packaging, and Orderable
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (September 2011) to Revision B
Page
Removed 3.8 V, 2.8 V, and 2.7 V output voltage versions from the data sheet ................................................................... 1
Removed the TPS76327-Q1, TPS76328-Q1, and TPS76338-Q1 parts from the data sheet................................................ 1
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
Deleted Dissipation Ratings .................................................................................................................................................. 6


Similar Part No. - TPS76325QDBVRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76325QDBVRG4Q1 TI1-TPS76325QDBVRG4Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76325QDBVRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com