Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES233 Datasheet(PDF) 3 Page - Cyrustek corporation

Part # ES233
Description  4000 Counts DMM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES233 Datasheet(HTML) 3 Page - Cyrustek corporation

  ES233 Datasheet HTML 1Page - Cyrustek corporation ES233 Datasheet HTML 2Page - Cyrustek corporation ES233 Datasheet HTML 3Page - Cyrustek corporation ES233 Datasheet HTML 4Page - Cyrustek corporation ES233 Datasheet HTML 5Page - Cyrustek corporation ES233 Datasheet HTML 6Page - Cyrustek corporation ES233 Datasheet HTML 7Page - Cyrustek corporation ES233 Datasheet HTML 8Page - Cyrustek corporation ES233 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
V 2.2
3
2015/12/15
ES233
4000 Counts DMM
Pin Description
Pin No
Symbol
Type
Description
1
IVS
I
Measurement input in uA/mA current mode.
2
ADP
I
Measurement input in ADP mode.
3
TEMPin
I
Measurement input in Temperature mode.
4
CLAMPin
I
Current measurement input in CLAMP mode.
5
CHP
I / O
Positive connection for reference capacitor of high-speed A/D.
6
CHN
I / O
Negative connection for reference capacitor of high-speed A/D.
7
CIH
O
High-speed integrator output. Connect to integrate capacitor.
8
BUFH
O
High-speed buffer output pin. Connect to integrate resistor.
9
CAZH
O
High-speed auto-zero capacitor connection.
10
CLN
I / O
Negative connection for reference capacitor of high-resolution A/D.
11
CLP
I / O
Positive connection for reference capacitor of high- resolution A/D.
12
CIL
O
High-resolution integrator output. Connect to integrate capacitor. (Metalized
Polypropylene Film Capacitor type is recommended)
13
CAZL
O
High-resolution auto-zero capacitor connection.
14
BUFL
O
High-resolution buffer output pin. Connect to integrate resistor
15
RAZ
O
Buffer output pin in AZ and ZI phase.
16
VRH
O
Output of band-gap voltage reference. Typically –1.23V.
17
DACO
O
Output of band-gap voltage reference. Typically –400 m V.
18
VR_CLAMP
I
Reference input voltage connection. Typically –400 mV.
19
VR_ADP
I
Reference input voltage connection. Typically –400mV.
20
OHMC4
O
Filter capacitor connection for resistance mode.
21
OHMC3
O
Filter capacitor connection for resistance mode.
22
OHMC2
O
Filter capacitor connection for resistance mode.
23
OHMC1
O
Filter capacitor connection for resistance mode.
24
OVSG
O
Sense low voltage for resistance/voltage measurement
25
OR1
O
Reference resistor connection for 40.00/400.0
Ω range
26
VR5
O
Voltage measurement ÷10000 attenuator(1000V)
27
VR4
O
Voltage measurement ÷1000 attenuator(400.0V)
28
VR3
O
Voltage measurement ÷100 attenuator(40.00V)
29
VR2
O
Voltage measurement ÷10 attenuator(4.000V)
30
ACVL
I
Rectified signal low input in ACV/ACA mode. Connect to negative output of
external AC to DC converter.
31
ACVH
I
Rectified signal high input in ACV/ACA mode. Connect to positive output of
external AC to DC converter.
32
ADI
I
Negative input of internal AC to DC OP Amp.
33
ADO
O
Output of internal AC to DC OP Amp.
34
TEST5
O
Buffer output of OVSG.
35
SGND
I
Signal Ground input.
36
VR1
I
Measurement Input. Connect to a precised
10MΩ resistor.


Similar Part No. - ES233

ManufacturerPart #DatasheetDescription
logo
Power-One
ES2320-7R POWER-ONE-ES2320-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
Cyrustek corporation
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
More results

Similar Description - ES233

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES278 CYRUSTEK-ES278 Datasheet
637Kb / 25P
   4000 Counts Manual DMM
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES251 CYRUSTEK-ES251 Datasheet
765Kb / 35P
   2000 Counts DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com