Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VPX3226E Datasheet(PDF) 19 Page - Micronas

Part # VPX3226E
Description  Video Pixel Decoders
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPX3226E Datasheet(HTML) 19 Page - Micronas

Back Button VPX3226E Datasheet HTML 15Page - Micronas VPX3226E Datasheet HTML 16Page - Micronas VPX3226E Datasheet HTML 17Page - Micronas VPX3226E Datasheet HTML 18Page - Micronas VPX3226E Datasheet HTML 19Page - Micronas VPX3226E Datasheet HTML 20Page - Micronas VPX3226E Datasheet HTML 21Page - Micronas VPX3226E Datasheet HTML 22Page - Micronas VPX3226E Datasheet HTML 23Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
ADVANCE INFORMATION
VPX 322xE
MICRONAS INTERMETALL
19
2.7.1.2. Embedded Reference Headers/ITU-R656
The VPX supports an output format which is designed to
be compliant with the ITU-R656 recommendation. It is
activated by setting bit[1:0] of FP-RAM 0x150 to 01. The
16-bit video data must be multiplexed to 8 bit at the
double clock frequency (27 MHz) via FP-RAM 0x154,
bit[9] set to 1 (see also Section 2.7.3.: Output Multiplex-
er).
In this mode, video samples are in the following order:
Cb, Y, Cr, Y, ... The data words 0 and 255 are protected
since they are used for identification of reference head-
ers. This is assured by limitation of the video data. Tim-
ing reference codes are inserted into the data stream at
the beginning and the end of each video line in the fol-
lowing way: A ‘Start of active video’-Header (SAV) is in-
serted before the first active video sample. The ‘end of
active video’-code (EAV) is inserted after the last active
video sample. They both contain information about the
field type and field blanking. The data words occurring
during the horizontal blanking interval between EAV and
SAV are filled with 0x10 for luminance and 0x80 for chro-
minance information. Table 2–3 shows the format of the
SAV and EAV header. Fig. 2–19 and 2–20 show stan-
dard ITU-R656 output waveforms.
Note that the following changes and extensions to the
ITU-R656 standard have been included to support hori-
zontal and vertical scaling, transmission of VBI-data,
etc.:
– Both the length and the number of active video lines
varies with the selected window parameters. For com-
pliance with the ITU-R656 recommendation, a size of
720 samples per line must be selected for each win-
dow. To enable a constant line length even in the case
of different scaling values for the video windows, the
VPX provides a programmable ‘active video’ signal
(see section 2.9.4.).
– During blanked lines, the VACT signal is suppressed.
VBI-lines can be marked as blanked or active, thus al-
lowing the choice of enabled or suppressed VACT dur-
ing the VBI-window. The vertical field blanking flag (V)
in the SAV/EAV header is set to zero in any line with
enabled VACT signal (valid VBI or video lines).
– During blanked lines SAV/EAV headers can be sup-
pressed in pairs with FP-RAM 0x150, bit[9]. To assure
vertical sync detection, some SAV/EAV headers are
inserted during field blanking.
– The flags F,V and H encoded in the SAV/EAV headers
change on SAV. With FP-RAM 0x150, bit[10] set to 1
they change on EAV. The programmed windows how-
ever are delayed by one line. Header suppression is
always applied for SAV/EAV pairs.
– For data within the VBI-window (e.g. sliced or raw tele-
text data), the user can select between limitation or re-
duction to 7-bit resolution with an additional LSB as-
suring odd parity (0 and 255 never occur). This option
can be selected via FP-RAM 0x150 [range].
– The task bit can be used as a qualifier for VBI data. It
is set to zero during the programmed VBI window if
bit[11] in 0x150 is set.
– Ancillary data blocks may be longer than 255 bytes (for
raw data) and are transmitted without checksum. The
secondary data ID is used as high byte of the data
count (DC1; see Table 2–4).
– Ancillary data packets must not follow immediately af-
ter EAV or SAV.
– The total number of clock cycles per line, as well as
valid cycles between EAV and SAV may vary.
Table 2–3: Coding of the SAV/EAV-header
Bit No.
Word
MSB
LSB
7
6
5
4
3
2
1
0
First
1
1
1
1
1
1
1
1
Second
0
0
0
0
0
0
0
0
Third
0
0
0
0
0
0
0
0
Fourth
T
F
V
H
P3
P2
P1
P0
T= 0 during VBI data (if enabled), else T = 1
F = 0 during field 1,
F = 1 during field 2
V = 0 during active lines
V = 1 during vertical field blanking
H = 0 in SAV,
H = 1 in EAV
The bits P0, P1, P2, and P3 are protection bits. Their
states are dependent on the states of F, V, and H. They
can be calculated using the following equations:
P3 = H xor V xor T
P2 = H xor F xor T
P1 = V xor F xor T
P0 = H xor V xor F
The VPX also supports the transmission of VBI-data as
vertical ancillary data during blanked lines in the interval
starting with the end of the SAV and terminating with the
beginning of EAV. In this case, an additional header is in-
serted directly before the valid active data; thus, the
position of SAV and EAV depends on the settings for the
programmable VACT signal (see Fig. 2–21). These pa-
rameters will be checked and corrected if necessary to
assure an appropriate size of VACT for both data and an-
cillary header.


Similar Part No. - VPX3226E

ManufacturerPart #DatasheetDescription
logo
Micronas
VPX3226E MICRONAS-VPX3226E Datasheet
567Kb / 92P
   Video Pixel Decoders
More results

Similar Description - VPX3226E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VPX3220A ETC-VPX3220A Datasheet
752Kb / 80P
   Video Pixel Decoders
logo
Micronas
VPX322XE MICRONAS-VPX322XE Datasheet
567Kb / 92P
   Video Pixel Decoders
logo
List of Unclassifed Man...
VPX3225D ETC-VPX3225D Datasheet
672Kb / 92P
   Video Pixel Decoders
IBM39MPEGCS24 ETC1-IBM39MPEGCS24 Datasheet
69Kb / 4P
   CS24 Digital Audio/Video Decoders
logo
STMicroelectronics
TDA9210 STMICROELECTRONICS-TDA9210 Datasheet
206Kb / 19P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
logo
Renesas Technology Corp
TW2816 RENESAS-TW2816 Datasheet
2Mb / 65P
   4-Channel Video Decoders for Security Applications
May 19, 2017
logo
Intersil Corporation
TW2960 INTERSIL-TW2960 Datasheet
142Kb / 2P
   4-CH 960H Video Decoders and Audio Codecs
January 18, 2012
logo
Renesas Technology Corp
TW2960 RENESAS-TW2960 Datasheet
3Mb / 147P
   4-CH 960H Video Decoders and Audio Codecs
Sep 6, 2012
logo
Intersil Corporation
TW2964 INTERSIL-TW2964 Datasheet
221Kb / 2P
   4-CH WD1 (960H)/D1 Compatible Video Decoders
logo
Davicom Semiconductor, ...
DM5866 DAVICOM-DM5866 Datasheet
66Kb / 3P
   4-Channel 960H Video Decoders and Audio Codecs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com