Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VPX3226E Datasheet(PDF) 90 Page - Micronas

Part # VPX3226E
Description  Video Pixel Decoders
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPX3226E Datasheet(HTML) 90 Page - Micronas

Back Button VPX3226E Datasheet HTML 84Page - Micronas VPX3226E Datasheet HTML 85Page - Micronas VPX3226E Datasheet HTML 86Page - Micronas VPX3226E Datasheet HTML 87Page - Micronas VPX3226E Datasheet HTML 88Page - Micronas VPX3226E Datasheet HTML 89Page - Micronas VPX3226E Datasheet HTML 90Page - Micronas VPX3226E Datasheet HTML 91Page - Micronas VPX3226E Datasheet HTML 92Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
Composite
Video
S-Video
Connection point Rxx
should be the only
junction between digital
and analog groundplane.
An optimum solution would
be a connection
underneath the VPX 32xxE.
Please refer to the
layout recommendations
for details
We recommend to use only 20.25
MHz-Crystals which are compliant to
our specifications. Please refer to
Section 7.4 for a list of approved
crystal manufacturers
Composite
Video
Place the ceramic bypass
capacitors as close as
possible to VPX 32xxE.
The 5 V analog supply
should be as clean as
possible.
The output pins PA7 to PA0 and
PB7 to PB0 provide different
signals in specific modes as
follows. Please refer to Section
2.8 for details about the Video
Data Transfer and to Tables 6.2
and 6.5 for the use of the
Multi-purpose bits
Multi-purpose
ITU-656
Mode
Chrominance
Luminance
Luminance/Chrominance
PA7 to PA0
ITU-601 27 MHz
ITU-601 13.5 MHz
Lum./Chrominance/Sync
PB7 to PB0
Multi-purpose
PA1
PA0
PA6
PA4
PA7
PA5
PA3
PA2
PB1
PB5
PB7
PB4
PB6
PB3
PB0
PB2
I2C DATA
/RESET
HREF
VREF
FIELD
VACT
LLC
/OUTPUT ENABLE
PA[7..0]
I2C CLOCK
PIXCLK
PB[7..0]
3.3 V digital supply
3.3 V digital supply
3.3 V digital supply
3.3 V digital supply
5 V analog supply
C14
47nF
C6
330pF
C9
330pF
C8
330pF
L3
3.3uH
R6
10K
R5
10K
C5
330pF
L2
2.2uH
+ C13
10uF/10V
C15
4.7pF
C19
220nF
J1
MINI DIN4
4
3
1
2
C16
4.7pF
Y1
20.25 MHz
J2
RCA
C11
330pF
L4
3.3uH
C10
680nF
C12
330pF
C7
680nF
R3
75
R4
75
SINGLE CONNECTION POINT
Rxx
J3
RCA
R7
10K
C17
100nF
+
C18
22uF/10V
C21
100nF
+
C20
22uF/10V
R2
75
L1
2.2uH
C4
680nF
C1
1nF
C2
330pF
C3
330pF
R1
75
U1
VPX 32xxE
37
39
40
42
41
43
35
34
29
30
44
1
2
33
11
36
32
13
38
18
31
17
16
15
14
10
9
8
7
28
27
26
25
24
23
22
21
3
4
5
6
20
19
12
CIN
VIN1
VIN2
VIN3
VRT
ISGND
XTAL1
XTAL2
SDA
SCL
TMS
TDI
TCK
VDD
PVDD
AVDD
VSS
PVSS
AVSS
OE
RES
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
TDO (LLC2/DACT)
HREF
VREF
PREF
VACT
LLC
PIXCLK


Similar Part No. - VPX3226E

ManufacturerPart #DatasheetDescription
logo
Micronas
VPX3226E MICRONAS-VPX3226E Datasheet
567Kb / 92P
   Video Pixel Decoders
More results

Similar Description - VPX3226E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VPX3220A ETC-VPX3220A Datasheet
752Kb / 80P
   Video Pixel Decoders
logo
Micronas
VPX322XE MICRONAS-VPX322XE Datasheet
567Kb / 92P
   Video Pixel Decoders
logo
List of Unclassifed Man...
VPX3225D ETC-VPX3225D Datasheet
672Kb / 92P
   Video Pixel Decoders
IBM39MPEGCS24 ETC1-IBM39MPEGCS24 Datasheet
69Kb / 4P
   CS24 Digital Audio/Video Decoders
logo
STMicroelectronics
TDA9210 STMICROELECTRONICS-TDA9210 Datasheet
206Kb / 19P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
logo
Renesas Technology Corp
TW2816 RENESAS-TW2816 Datasheet
2Mb / 65P
   4-Channel Video Decoders for Security Applications
May 19, 2017
logo
Intersil Corporation
TW2960 INTERSIL-TW2960 Datasheet
142Kb / 2P
   4-CH 960H Video Decoders and Audio Codecs
January 18, 2012
logo
Renesas Technology Corp
TW2960 RENESAS-TW2960 Datasheet
3Mb / 147P
   4-CH 960H Video Decoders and Audio Codecs
Sep 6, 2012
logo
Intersil Corporation
TW2964 INTERSIL-TW2964 Datasheet
221Kb / 2P
   4-CH WD1 (960H)/D1 Compatible Video Decoders
logo
Davicom Semiconductor, ...
DM5866 DAVICOM-DM5866 Datasheet
66Kb / 3P
   4-Channel 960H Video Decoders and Audio Codecs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com