Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGA5F2NP02A472J085AA Datasheet(PDF) 1 Page - TDK Electronics

Part # CGA5F2NP02A472J085AA
Description  Automotive Grade ( High Temperature Application )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA5F2NP02A472J085AA Datasheet(HTML) 1 Page - TDK Electronics

  CGA5F2NP02A472J085AA Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Equivalent C3216NP02A472J for Automotive
Automotive Grade ( High Temperature Application )
CGA5(3216) [EIA CC1206]
L
3.20mm +/-0.2mm
W
1.60mm +/-0.2mm
T
0.85mm +/-0.15mm
B
0.20mm Min.
G
1.00mm Min.
NP0 (-55 to 150 degC 0+/-30ppm/degC)
2A (100Vdc)
4.7nF
J (+/-5%)
1000 Min.
10Gohm Min.
Yes
All specifications are subject to change without notice.
January 4, 2016
CGA5F2NP02A472J085AA
TDK Item Description : CGA5F2NP02A472JT****
Cap. vs. Freq. Characteristic
1
10
100
1
10
100
1000
10000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.001
0.01
0.1
1
10
100
1
10
100
1000
10000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
20406080
100
120
DC Bias/V
Temperature Characteristics
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-60
-40
-20
0
20
40
60
80
100
120
140
160
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Q Factor
Insulation Resistance
AEC-Q200


Similar Part No. - CGA5F2NP02A472J085AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA5F2NP02A562J085AA TDK-CGA5F2NP02A562J085AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
More results

Similar Description - CGA5F2NP02A472J085AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA3E2X8R1H102K080AA TDK-CGA3E2X8R1H102K080AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA3E2X8R1H102M080AA TDK-CGA3E2X8R1H102M080AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA3E2X8R1H152K080AA TDK-CGA3E2X8R1H152K080AA Datasheet
139Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA3E3X8R2A333K080AB TDK-CGA3E3X8R2A333K080AB Datasheet
138Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2NP02A392J125AA TDK-CGA4J2NP02A392J125AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2NP02A472J125AA TDK-CGA4J2NP02A472J125AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2NP02A822J125AA TDK-CGA4J2NP02A822J125AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4C2NP02A102J060AA TDK-CGA4C2NP02A102J060AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA4J2X8R1E334K125AA TDK-CGA4J2X8R1E334K125AA Datasheet
138Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA5C2NP01H153J060AA TDK-CGA5C2NP01H153J060AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
CGA5C2NP01H822J060AA TDK-CGA5C2NP01H822J060AA Datasheet
131Kb / 1P
   Automotive Grade ( High Temperature Application )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com