Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXRS622WBBGZA Datasheet(PDF) 1 Page - Analog Devices

Part # ADXRS622WBBGZA
Description  plus,minus250temperature/sec Yaw Rate Gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXRS622WBBGZA Datasheet(HTML) 1 Page - Analog Devices

  ADXRS622WBBGZA Datasheet HTML 1Page - Analog Devices ADXRS622WBBGZA Datasheet HTML 2Page - Analog Devices ADXRS622WBBGZA Datasheet HTML 3Page - Analog Devices ADXRS622WBBGZA Datasheet HTML 4Page - Analog Devices ADXRS622WBBGZA Datasheet HTML 5Page - Analog Devices ADXRS622WBBGZA Datasheet HTML 6Page - Analog Devices ADXRS622WBBGZA Datasheet HTML 7Page - Analog Devices ADXRS622WBBGZA Datasheet HTML 8Page - Analog Devices ADXRS622WBBGZA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
±250°/sec Yaw Rate Gyroscope
ADXRS622
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Complete rate gyroscope on a single chip
Z-axis (yaw rate) response
High vibration rejection over wide frequency
2000 g powered shock survivability
Ratiometric to referenced supply
5 V single-supply operation
105°C operation
Self-test on digital command
Ultrasmall and light: <0.15 cc, <0.5 gram
Temperature sensor output
RoHS compliant
Qualified for automotive applications
APPLICATIONS
Vehicle chassis rollover sensing
Inertial measurement units
Platform stabilization
GENERAL DESCRIPTION
The ADXRS622 is a complete angular rate sensor (gyroscope)
that uses the Analog Devices, Inc., surface-micromachining
process to make a functionally complete and low cost angular
rate sensor, integrated with all of the required electronics on
one chip. The manufacturing technique for this device is the
same high volume BiMOS process used for high reliability
automotive airbag accelerometers.
The ADXRS622 is an automotive grade gyroscope that has
100% pin, package, temperature, and function compatible to the
available industrial grade ADXRS652 gyroscope. Automotive
grade gyroscopes have more extensive guaranteed minimum/
maximum specifications due to automotive testing.
The output signal, RATEOUT (1B, 2A), is a voltage proportional to
the angular rate about the axis that is normal to the top surface of
the package. The output is ratiometric with respect to a provided
reference supply. An external capacitor sets the bandwidth. Other
external capacitors are required for operation.
A temperature output is provided for compensation techniques.
Two digital self-test inputs electromechanically excite the sensor
to test proper operation of both the sensor and the signal condi-
tioning circuits. The ADXRS622 is available in a 7 mm × 7 mm ×
3 mm BGA chip-scale package.
FUNCTIONAL BLOCK DIAGRAM
VDD
AGND
PGND
AVCC
ST2
ST1
TEMP
VRATIO
CP1
CP2
CP3
CP4
CP5
SUMJ
RATEOUT
DEMOD
180k
Ω ±1%
22nF
100nF
22nF
100nF
100nF
100nF
DRIVE
AMP
MECHANICAL
SENSOR
CHARGE PUMP
AND VOLTAGE
REGULATOR
COUT
5V
5V
5V
(ADC REF)
AC
AMP
VGA
25k
@ 25°C
ADXRS622
25k
SELF-TEST
Figure 1.


Similar Part No. - ADXRS622WBBGZA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS620BBGZ-RL AD-ADXRS620BBGZ-RL Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS620WBBGZA AD-ADXRS620WBBGZA Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS620WBBGZA AD-ADXRS620WBBGZA Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
More results

Similar Description - ADXRS622WBBGZA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS613 AD-ADXRS613 Datasheet
421Kb / 12P
   짹150째/sec Yaw Rate Gyroscope
REV. 0
ADXRS623 AD-ADXRS623_V01 Datasheet
328Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
Rev. A
ADIS16100 AD-ADIS16100_15 Datasheet
427Kb / 16P
   Yaw Rate Gyroscope with SPI
REV. D
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADIS16080 AD-ADIS16080_15 Datasheet
518Kb / 16P
   Yaw Rate Gyroscope with SPI
Rev. C
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com