Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXRS622WBBGZA Datasheet(PDF) 5 Page - Analog Devices

Part # ADXRS622WBBGZA
Description  plus,minus250temperature/sec Yaw Rate Gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXRS622WBBGZA Datasheet(HTML) 5 Page - Analog Devices

  ADXRS622WBBGZA Datasheet HTML 1Page - Analog Devices ADXRS622WBBGZA Datasheet HTML 2Page - Analog Devices ADXRS622WBBGZA Datasheet HTML 3Page - Analog Devices ADXRS622WBBGZA Datasheet HTML 4Page - Analog Devices ADXRS622WBBGZA Datasheet HTML 5Page - Analog Devices ADXRS622WBBGZA Datasheet HTML 6Page - Analog Devices ADXRS622WBBGZA Datasheet HTML 7Page - Analog Devices ADXRS622WBBGZA Datasheet HTML 8Page - Analog Devices ADXRS622WBBGZA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADXRS622
Rev. C | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PGND
ST1
ST2
TEMP
AGND
VRATIO
NC
SUMJ
RATEOUT
AVCC
CP2
CP1
CP4
CP3
CP5
VDD
G
F
E
D
C
B
A
7
6
5
4
3
2
1
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
6D, 7D
CP5
HV Filter Capacitor (0.1 µF).
6A, 7B
CP4
Charge Pump Capacitor (22 nF).
6C, 7C
CP3
Charge Pump Capacitor (22 nF).
5A, 5B
CP1
Charge Pump Capacitor (22 nF).
4A, 4B
CP2
Charge Pump Capacitor (22 nF).
3A, 3B
AV
CC
Positive Analog Supply.
1B, 2A
RATEOUT
Rate Signal Output.
1C, 2C
SUMJ
Output Amp Summing Junction.
1D, 2D
NC
No Connect.
1E, 2E
V
RATIO
Reference Supply for Ratiometric Output.
1F, 2G
AGND
Analog Supply Return.
3F, 3G
TEMP
Temperature Voltage Output.
4F, 4G
ST2
Self-Test for Sensor 2.
5F, 5G
ST1
Self-Test for Sensor 1.
6G, 7F
PGND
Charge Pump Supply Return.
6E, 7E
V
DD
Positive Charge Pump Supply.


Similar Part No. - ADXRS622WBBGZA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS620BBGZ-RL AD-ADXRS620BBGZ-RL Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS620WBBGZA AD-ADXRS620WBBGZA Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS620WBBGZA AD-ADXRS620WBBGZA Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
More results

Similar Description - ADXRS622WBBGZA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS613 AD-ADXRS613 Datasheet
421Kb / 12P
   짹150째/sec Yaw Rate Gyroscope
REV. 0
ADXRS623 AD-ADXRS623_V01 Datasheet
328Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
Rev. A
ADIS16100 AD-ADIS16100_15 Datasheet
427Kb / 16P
   Yaw Rate Gyroscope with SPI
REV. D
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADIS16080 AD-ADIS16080_15 Datasheet
518Kb / 16P
   Yaw Rate Gyroscope with SPI
Rev. C
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com