Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL316WBCSZ-RL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADXL316WBCSZ-RL7
Description  Small, Low Power, 3-Axis plus minus16 g Accelerometer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL316WBCSZ-RL7 Datasheet(HTML) 5 Page - Analog Devices

  ADXL316WBCSZ-RL7 Datasheet HTML 1Page - Analog Devices ADXL316WBCSZ-RL7 Datasheet HTML 2Page - Analog Devices ADXL316WBCSZ-RL7 Datasheet HTML 3Page - Analog Devices ADXL316WBCSZ-RL7 Datasheet HTML 4Page - Analog Devices ADXL316WBCSZ-RL7 Datasheet HTML 5Page - Analog Devices ADXL316WBCSZ-RL7 Datasheet HTML 6Page - Analog Devices ADXL316WBCSZ-RL7 Datasheet HTML 7Page - Analog Devices ADXL316WBCSZ-RL7 Datasheet HTML 8Page - Analog Devices ADXL316WBCSZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
ADXL316
Rev. 0 | Page 5 of 14
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. DNC = DO NOT CONNECT. DO NOT
CONNECT TO THIS PIN.
2. THE EXPOSED PAD IS NOT INTERNALLY
CONNECTED. SOLDER FOR
MECHANICAL INTEGRITY.
9
8
7
1
2
3
XOUT
+X
+Y
+Z
YOUT
DNC
DNC
ST
COM
ADXL316
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DNC
Do Not Connect.
2
ST
Self Test.
3
COM
Ground.
4
DNC
Do Not Connect.
5
DNC
Do Not Connect.
6
Z
OUT
Z Channel Output.
7
DNC
Do Not Connect.
8
Y
OUT
Y Channel Output.
9
X
OUT
X Channel Output.
10
DNC
Do Not Connect.
11
DNC
Do Not Connect.
12
V
S
Supply Voltage (1.8 V to 3.6 V).
EP
Exposed Pad. The exposed pad is not internally connected. Solder for mechanical integrity.


Similar Part No. - ADXL316WBCSZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL311JE AD-ADXL311JE Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL311JE-REEL AD-ADXL311JE-REEL Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL311 AD-ADXL311_15 Datasheet
662Kb / 12P
   Ultracompact 2g Dual-Axis Accelerometer
ADXL312 AD-ADXL312 Datasheet
434Kb / 32P
   3-Axis, 짹1.5 g/짹3 g/짹6 g/짹12 g Digital Accelerometer
REV. 0
More results

Similar Description - ADXL316WBCSZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
logo
NXP Semiconductors
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com