Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL363 Datasheet(PDF) 18 Page - Analog Devices

Part # ADXL363
Description  Micropower 3-Sensor Combination Including Acceleration and Temperature
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL363 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADXL363 Datasheet HTML 14Page - Analog Devices ADXL363 Datasheet HTML 15Page - Analog Devices ADXL363 Datasheet HTML 16Page - Analog Devices ADXL363 Datasheet HTML 17Page - Analog Devices ADXL363 Datasheet HTML 18Page - Analog Devices ADXL363 Datasheet HTML 19Page - Analog Devices ADXL363 Datasheet HTML 20Page - Analog Devices ADXL363 Datasheet HTML 21Page - Analog Devices ADXL363 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
ADXL363
Data Sheet
Rev. 0 | Page 18 of 48
When using referenced inactivity detection, inactivity is
detected when acceleration samples are within a user specified
amount of an internally defined reference (as described by
Equation 2) for a user defined amount of time.
|Acceleration – Reference| < Threshold
(2)
The reference for inactivity detection is updated every time a
sample is detected that violates the inactivity condition; that is,
(Sample – Reference) ≥ Threshold.
Referenced inactivity, like referenced activity, is particularly
useful for eliminating the effects of the static acceleration due to
gravity. With absolute inactivity, if the inactivity threshold is set
lower than 1 g, a device resting motionless may never detect
inactivity. With referenced inactivity, the same device under the
same configuration detects inactivity.
The inactivity timer can be set to anywhere from 2.5 ms (a single
sample at 400 Hz ODR) to almost 90 minutes (65,535 samples
at 12.5 Hz ODR) of inactivity. A requirement for inactivity detec-
tion is that, for whatever period of time the inactivity timer has
been configured, the accelerometer detects inactivity only when
it has been stationary for that amount of time.
For example, if the accelerometer is configured for 90 minutes,
the accelerometer detects inactivity when it is stationary for 90
minutes. The wide range of timer settings means that in
applications where power conservation is critical, the system can
be put to sleep after very short periods of inactivity. In
applications where continuous operation is critical, the system stays
on for as long as any motion is present.
Linking Activity and Inactivity Detection
The activity and inactivity detection functions can be used
independently and processed manually by a host processor, or
they can be configured to interact in linked mode, loop mode,
and autosleep.
Default Mode
The user must enable the activity and inactivity functions
because these functions are not automatically enabled by
default. After the user enables the activity and inactivity
functions, the ADXL363 exhibits the following behavior when it
enters default mode:
Both activity and inactivity detection remain enabled
All interrupts must be serviced by a host processor; that is,
a processor must read each interrupt before it is cleared
and can be used again.
Default mode operation is illustrated in the flowchart in Figure 31.
Linked Mode
In linked mode, activity and inactivity detection are linked to
each other such that only one of the functions is enabled at any
given time. As soon as activity is detected, the device is assumed
moving (or awake) and stops looking for activity; rather,
inactivity is expected as the next event. Therefore, only inactivity
detection operates.
Similarly, when inactivity is detected, the device is assumed
stationary (or asleep). Thus, activity is expected as the next
event; therefore, only activity detection operates.
Figure 31. Flowchart Illustrating Activity and Inactivity Operation in Default Mode
In linked mode, each interrupt must be serviced by a host
processor before the next interrupt is enabled.
Linked mode operation is illustrated in the flowchart in Figure 32.
Figure 32. Flowchart Illustrating Activity and Inactivity Operation in Linked Mode
Loop Mode
In loop mode, motion detection operates as described in the
Linked Mode section, but interrupts do not need servicing by a
host processor. This configuration simplifies the implementation
of commonly used motion detection and enhances power
savings by reducing the amount of power used in bus communi-
cation.
Loop mode operation is illustrated in the flowchart in Figure 33.
Figure 33. Flowchart Illustrating Activity and Inactivity Operation in Loop Mode
WAIT FOR
ACTIVITY
EVENT
ACTIVITY
INTERRUPT
TRIGGERS
NOTES
1. THE AWAKE BIT DEFAULTS TO 1 WHEN ACTIVITY AND INACTIVITY
ARE NOT LINKED.
WAIT FOR
INACTIVITY
EVENT
INACTIVITY
INTERRUPT
TRIGGERS
WAIT FOR
PROCESSOR TO
CLEAR INTERRUPT
WAIT FOR
PROCESSOR TO
CLEAR INTERRUPT
AWAKE = 1
AWAKE = 1
WAIT FOR
ACTIVITY
EVENT
ACTIVITY
INTERRUPT
WAIT FOR
INACTIVITY
EVENT
INACTIVITY
INTERRUPT
AWAKE = 0
AWAKE = 1
WAIT FOR
PROCESSOR TO
CLEAR INTERRUP
WAIT FOR
PROCESSOR TO
CLEAR INTERRUPT
WAIT FOR
ACTIVITY
EVENT
WAIT FOR
INACTIVITY
EVENT
AWAKE = 0
AWAKE = 1


Similar Part No. - ADXL363

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL362 AD-ADXL362 Datasheet
904Kb / 40P
   Micropower Three-Axis 짹2g/짹4g/짹8g
Rev. PrB
ADXL362 AD-ADXL362 Datasheet
261Kb / 6P
   Ultralow Power, 3-Axis, Motion Activated Switch
REV. A
ADXL362BCCZ-R2 AD-ADXL362BCCZ-R2 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362BCCZ-RL AD-ADXL362BCCZ-RL Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362BCCZ-RL7 AD-ADXL362BCCZ-RL7 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
More results

Similar Description - ADXL363

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
HAAM-346A HOKURIKU-HAAM-346A Datasheet
122Kb / 2P
   Piezoresisitive 3-Axis Acceleration Sensor
HAAM-346B HOKURIKU-HAAM-346B Datasheet
121Kb / 2P
   Piezoresisitive 3-Axis Acceleration Sensor
logo
Pepperl+Fuchs Inc.
ACY04-F99-2I-V15 PF-ACY04-F99-2I-V15 Datasheet
1Mb / 5P
   Acceleration sensor
ACX04-F99-I-V15 PF-ACX04-F99-I-V15 Datasheet
1Mb / 5P
   Acceleration sensor
logo
HOKURIKU ELECTRIC INDUS...
HAAM-375 HOKURIKU-HAAM-375 Datasheet
130Kb / 2P
   Digital Output Type 3-axis Acceleration Sensor
logo
SignalQuest, Inc.
SQ-ASX SIGNALQUEST-SQ-ASX Datasheet
754Kb / 8P
   ON/OFF SHOCK AND ACCELERATION SENSOR
logo
List of Unclassifed Man...
SENACC-010 ETC2-SENACC-010 Datasheet
150Kb / 3P
   Acceleration Sensor - SENACC
logo
Bosch Sensortec GmbH
BMA455 BOSCH-BMA455 Datasheet
223Kb / 2P
   Intelligent, triaxial acceleration sensor
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
   Digital, triaxial acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com