Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXL363 Datasheet(PDF) 5 Page - Analog Devices

Part # ADXL363
Description  Micropower 3-Sensor Combination Including Acceleration and Temperature
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL363 Datasheet(HTML) 5 Page - Analog Devices

  ADXL363 Datasheet HTML 1Page - Analog Devices ADXL363 Datasheet HTML 2Page - Analog Devices ADXL363 Datasheet HTML 3Page - Analog Devices ADXL363 Datasheet HTML 4Page - Analog Devices ADXL363 Datasheet HTML 5Page - Analog Devices ADXL363 Datasheet HTML 6Page - Analog Devices ADXL363 Datasheet HTML 7Page - Analog Devices ADXL363 Datasheet HTML 8Page - Analog Devices ADXL363 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Data Sheet
ADXL363
Rev. 0 | Page 5 of 48
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Measured in LSB/g
±2 g range
1000
LSB/g
±4 g range
500
LSB/g
±8 g range
250
LSB/g
Scale Factor Change Due to Temperature3
−40°C to +85°C
0.05
%/°C
0 g OFFSET
0 g Output
XOUT, YOUT
−150
±35
+150
mg
ZOUT
−250
±50
+250
mg
0 g Offset vs. Temperature3
Normal Operation
XOUT, YOUT
±0.5
mg/°C
ZOUT
±0.6
mg/°C
Low Noise Mode and Ultralow Noise Mode
XOUT, YOUT, ZOUT
±0.35
mg/°C
NOISE PERFORMANCE
Noise Density
Normal Operation
XOUT, YOUT
550
µg/√Hz
ZOUT
920
µg/√Hz
Low Noise Mode
XOUT, YOUT
400
µg/√Hz
ZOUT
550
µg/√Hz
Ultralow Noise Mode
XOUT, YOUT
250
µg/√Hz
ZOUT
350
µg/√Hz
VS = 3.5 V; XOUT, YOUT
175
µg/√Hz
VS = 3.5 V; ZOUT
250
µg/√Hz
BANDWIDTH
Low-Pass (Antialiasing) Filter, −3 dB Corner
HALF_BW = 0
ODR/2
Hz
HALF_BW = 1
ODR/4
Hz
Output Data Rate (ODR)
User selectable in eight steps
12.5
400
Hz
SELF TEST
Output Change4
XOUT
450
580
710
mg
YOUT
−710
−580
−450
mg
ZOUT
350
500
650
mg
1
Cross axis sensitivity is defined as coupling between any two axes.
2
Refer to Figure 29 for current consumption at other bandwidth settings.
3
−40°C to +25°C or +25°C to +85°C.
4
Self test change is defined as the output change in g when self test is asserted.
TEMPERATURE SENSOR SPECIFICATIONS
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
BIAS
At 25°C
Average
350
LSB
Standard Deviation
290
LSB
SCALE FACTOR
Average
0.065
°C/LSB
Standard Deviation
0.0025
°C/LSB
Repeatability
±0.5
°C
OUTPUT RESOLUTION
12
Bits


Similar Part No. - ADXL363

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL362 AD-ADXL362 Datasheet
904Kb / 40P
   Micropower Three-Axis 짹2g/짹4g/짹8g
Rev. PrB
ADXL362 AD-ADXL362 Datasheet
261Kb / 6P
   Ultralow Power, 3-Axis, Motion Activated Switch
REV. A
ADXL362BCCZ-R2 AD-ADXL362BCCZ-R2 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362BCCZ-RL AD-ADXL362BCCZ-RL Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362BCCZ-RL7 AD-ADXL362BCCZ-RL7 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
More results

Similar Description - ADXL363

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
HAAM-346A HOKURIKU-HAAM-346A Datasheet
122Kb / 2P
   Piezoresisitive 3-Axis Acceleration Sensor
HAAM-346B HOKURIKU-HAAM-346B Datasheet
121Kb / 2P
   Piezoresisitive 3-Axis Acceleration Sensor
logo
Pepperl+Fuchs Inc.
ACY04-F99-2I-V15 PF-ACY04-F99-2I-V15 Datasheet
1Mb / 5P
   Acceleration sensor
ACX04-F99-I-V15 PF-ACX04-F99-I-V15 Datasheet
1Mb / 5P
   Acceleration sensor
logo
HOKURIKU ELECTRIC INDUS...
HAAM-375 HOKURIKU-HAAM-375 Datasheet
130Kb / 2P
   Digital Output Type 3-axis Acceleration Sensor
logo
SignalQuest, Inc.
SQ-ASX SIGNALQUEST-SQ-ASX Datasheet
754Kb / 8P
   ON/OFF SHOCK AND ACCELERATION SENSOR
logo
List of Unclassifed Man...
SENACC-010 ETC2-SENACC-010 Datasheet
150Kb / 3P
   Acceleration Sensor - SENACC
logo
Bosch Sensortec GmbH
BMA455 BOSCH-BMA455 Datasheet
223Kb / 2P
   Intelligent, triaxial acceleration sensor
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
   Digital, triaxial acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com