Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-ADAU1452Z Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-ADAU1452Z
Description  SigmaDSP Digital Audio Processor
Download  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADAU1452Z Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-ADAU1452Z Datasheet HTML 3Page - Analog Devices EVAL-ADAU1452Z Datasheet HTML 4Page - Analog Devices EVAL-ADAU1452Z Datasheet HTML 5Page - Analog Devices EVAL-ADAU1452Z Datasheet HTML 6Page - Analog Devices EVAL-ADAU1452Z Datasheet HTML 7Page - Analog Devices EVAL-ADAU1452Z Datasheet HTML 8Page - Analog Devices EVAL-ADAU1452Z Datasheet HTML 9Page - Analog Devices EVAL-ADAU1452Z Datasheet HTML 10Page - Analog Devices EVAL-ADAU1452Z Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 180 page
background image
Data Sheet
ADAU1452/ADAU1451/ADAU1450
AVDD = 3.3 V ± 10%, DVDD = 1.2 V ± 5%, PVDD = 3.3 V ± 10%, IOVDD = 1.8 V − 10% to 3.3 V + 10%, TA = −40°C to +105°C, master
clock input = 12.288 MHz, core clock (fCORE) = 294.912 MHz, I/O pins set to low drive setting, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER
Supply Voltage
Analog Voltage (AVDD)
2.97
3.3
3.63
V
Supply for analog circuitry, including auxiliary ADC
Digital Voltage (DVDD)
1.14
1.2
1.26
V
Supply for digital circuitry, including the DSP core, ASRCs, and signal
routing
PLL Voltage (PVDD)
2.97
3.3
3.63
V
Supply for PLL circuitry
IOVDD Voltage (IOVDD)
1.71
3.3
3.63
V
Supply for input/output circuitry, including pads and level shifters
Supply Current
Analog Current (AVDD)
1.44
1.72
2
mA
Idle State
0
6.3
40
µA
Reset State
0.26
7.1
40
µA
PLL Current (PVDD)
6
10.9
15
mA
12.288 MHz master clock; default PLL settings
Idle State
0
7.8
40
µA
Power applied, PLL not configured
Reset State
1.2
9.3
40
µA
Power applied, RESET held low
I/O Current (IOVDD)
Dependent on the number of active serial ports, clock pins, and
characteristics of external loads
Operation State
47
mA
IOVDD = 3.3 V; all serial ports are clock masters
15
mA
IOVDD = 1.8 V; all serial ports are clock masters
Power-Down State
1.3
2.2
mA
IOVDD = 1.8 V − 10% to 3.3 V + 10%
Digital Current (DVDD)
Operation State, ADAU1452
Maximum Program
500
690
mA
Typical Program
200
mA
Test program includes 16-channel I/O, 10-band EQ per channel,
all ASRCs active
Minimal Program
160
mA
Test program includes 2-channel I/O, 10-band EQ per channel
Operation State, ADAU1451
Maximum Program
500
690
mA
Typical Program
200
mA
Test program includes 16-channel I/O, 10-band EQ per channel,
all ASRCs active
Minimal Program
160
mA
Test program includes 2-channel I/O, 10-band EQ per channel
Operation State, ADAU1450
Maximum Program
270
635
mA
fCORE = 147.456 MHz
Typical Program
110
mA
Test program includes 16-channel I/O, 10-band EQ per channel,
fCORE = 147.456 MHz
Minimal Program
90
mA
Test program includes 2-channel I/O, 10-band EQ per channel,
fCORE = 147.456 MHz
Idle State
315
635
mA
Reset State
315
635
mA
ASYNCHRONOUS SAMPLE RATE
CONVERTERS
Dynamic Range
139
dB
A-weighted, 20 Hz to 20 kHz
I/O Sample Rate
6
192
kHz
I/O Sample Rate Ratio
1:8
7.75:1
THD + N
−120
dB
CRYSTAL OSCILLATOR
Transconductance
8.1
10.6
14.6
mS
REGULATOR
DVDD Voltage
1.14
1.2
V
Regulator maintains typical output voltage up to a maximum 800 mA
load; IOVDD = 1.8 V − 10% to 3.3 V + 10%
Rev. C | Page 7 of 180


Similar Part No. - EVAL-ADAU1452Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADAU1401EB AD-EVAL-ADAU1401EB Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
EVAL-ADAU1401EBZ AD-EVAL-ADAU1401EBZ Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
EVAL-ADAU1401EBZ AD-EVAL-ADAU1401EBZ Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
EVAL-ADAU1401EBZ AD-EVAL-ADAU1401EBZ Datasheet
1Mb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
EVAL-ADAU1401EBZ AD-EVAL-ADAU1401EBZ Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor
More results

Similar Description - EVAL-ADAU1452Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1467 AD-ADAU1467 Datasheet
6Mb / 207P
   SigmaDSP Digital Audio Processor
ADAU1442 AD-ADAU1442 Datasheet
1,008Kb / 92P
   SigmaDSP Digital Audio Processor
REV. C
ADAU1472 AD-ADAU1472 Datasheet
587Kb / 34P
   SigmaDSP Digital Audio Processor
ADAU1462 AD-ADAU1462 Datasheet
9Mb / 202P
   SigmaDSP Digital Audio Processor
ADAU1702 AD-ADAU1702_17 Datasheet
1Mb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701_16 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor
AD1940 AD-AD1940_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
ADAV400 AD-ADAV400 Datasheet
696Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. 0
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. A
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com