Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ12008 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMZ12008
Description  SIMPLE SWITCHER Power Module
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ12008 Datasheet(HTML) 5 Page - Texas Instruments

  LMZ12008_16 Datasheet HTML 1Page - Texas Instruments LMZ12008_16 Datasheet HTML 2Page - Texas Instruments LMZ12008_16 Datasheet HTML 3Page - Texas Instruments LMZ12008_16 Datasheet HTML 4Page - Texas Instruments LMZ12008_16 Datasheet HTML 5Page - Texas Instruments LMZ12008_16 Datasheet HTML 6Page - Texas Instruments LMZ12008_16 Datasheet HTML 7Page - Texas Instruments LMZ12008_16 Datasheet HTML 8Page - Texas Instruments LMZ12008_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
LMZ12008
www.ti.com
SNVS716H – MARCH 2011 – REVISED FEBRUARY 2016
Product Folder Links: LMZ12008
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
EN 55022:2006, +A1:2007, FCC Part 15 Subpart B, tested on Evaluation Board with EMI configuration
(2)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
Typical numbers are at 25°C and represent the most likely parametric norm.
(4)
Refer to BOM in Table 1.
6.5 Electrical Characteristics
Limits are for TJ = 25°C unless otherwise specified. Minimum and Maximum limits are ensured through test, design or
statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only. Unless otherwise stated the following conditions apply: VIN = 12V, VOUT = 3.3V
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
SYSTEM PARAMETERS
ENABLE CONTROL
VEN
EN threshold
VEN rising
1.274
V
over the junction temperature
(TJ) range of –40°C to +125°C
1.096
1.452
IEN-HYS
EN hysteresis source
current
VEN > 1.274 V
13
µA
SOFT-START
ISS
SS source current
VSS = 0 V
50
µA
over the junction temperature
(TJ) range of –40°C to +125°C
40
60
tSS
Internal soft-start interval
1.6
msec
CURRENT LIMIT
ICL
Current limit threshold
DC average
10.5
A
INTERNAL SWITCHING OSCILLATOR
fosc
Free-running oscillator
frequency
314
359
404
kHz
REGULATION AND OVERVOLTAGE COMPARATOR
VFB
In-regulation feedback
voltage
VSS >+ 0.8 V
IO = 8 A
0.795
V
over the junction temperature
(TJ) range of –40°C to +125°C
0.775
0.815
VFB-OV
Feedback overvoltage
protection threshold
0.86
V
IFB
Feedback input bias
current
5
nA
IQ
Non-Switching Quiescent
Current
3
mA
ISD
Shutdown Quiescent
Current
VEN = 0 V
32
μA
Dmax
Maximum Duty Factor
85%
THERMAL CHARACTERISTICS
TSD
Thermal Shutdown
Rising
165
°C
TSD-HYST
Thermal shutdown
hysteresis
Falling
15
°C
PERFORMANCE PARAMETERS(4)
ΔVO
Output voltage ripple
BW at 20 MHz
24
mVPP
ΔVO/ΔVIN
Line regulation
VIN = 12 V to 20 V, IOUT= 8 A
±0.2%
ΔVO/ΔIOUT
Load regulation
VIN = 12 V, IOUT= 0.001 A to 8 A
1
mV/A
η
Peak efficiency
VIN = 12 V VOUT = 3.3 V, IOUT = 5 A
89.5%
η
Full load efficiency
VIN = 12 V VOUT = 3.3 V, IOUT = 8 A
88.5%


Similar Part No. - LMZ12008_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ12008 TI-LMZ12008_15 Datasheet
1Mb / 35P
[Old version datasheet]   LMZ12008 8-A SIMPLE SWITCHER짰 Power Module With 20-V Maximum Input Voltage
More results

Similar Description - LMZ12008_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ22010 TI1-LMZ22010 Datasheet
1Mb / 36P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LMZ20502 TI1-LMZ20502_16 Datasheet
1Mb / 37P
[Old version datasheet]   2A SIMPLE SWITCHER Nano Module
LM2590HV TI1-LM2590HV_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com