Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8285 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8285
Description  6-Channel LNA/PGA/AAF with ADC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8285 Datasheet HTML 2Page - Analog Devices AD8285 Datasheet HTML 3Page - Analog Devices AD8285 Datasheet HTML 4Page - Analog Devices AD8285 Datasheet HTML 5Page - Analog Devices AD8285 Datasheet HTML 6Page - Analog Devices AD8285 Datasheet HTML 7Page - Analog Devices AD8285 Datasheet HTML 8Page - Analog Devices AD8285 Datasheet HTML 9Page - Analog Devices AD8285 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
AD8283
Data Sheet
Rev. C | Page 6 of 27
SWITCHING SPECIFICATIONS
AVDD18x = 1.8 V, AVDD33x = 3.3 V, DVDD18x = 1.8 V, DVDD33x = 3.3 V, 1.024 V internal ADC reference, fIN = 2.5 MHz, fSAMPLE =
72 MSPS, RS = 50 Ω, LNA + PGA gain = 34 dB, LPF cutoff = fSAMPLECH/4, full channel mode, 12-bit operation, temperature = −40°C to
+105°C, unless otherwise noted.
Table 4.
Parameter1
Temperature
Min
Typ
Max
Unit
CLOCK
Clock Rate
Full
10
72
MSPS
Clock Pulse Width High (tEH) at 72 MSPS
Full
6.94
ns
Clock Pulse Width Low (tEL) at 72 MSPS
Full
6.94
ns
Clock Pulse Width High (tEH) at 40 MSPS
Full
12.5
ns
Clock Pulse Width Low (tEL) at 40 MSPS
Full
12.5
ns
OUTPUT PARAMETERS
Propagation Delay (tPD) at 72 MSPS
Full
1.5
2.5
5.0
ns
Rise Time (tR)
Full
1.9
ns
Fall Time (tF)
Full
1.2
ns
Data Set-Up Time (tDS) at 72 MSPS
Full
9.0
10.0
11.0
ns
Data Hold Time (tDH) at 72 MSPS
Full
1.5
4.0
5.0
ns
Data Set-Up Time (tDS) at 40 MSPS
Full
21.5
22.5
23.5
ns
Data Hold Time (tDH) at 40 MSPS
Full
1.5
4.0
5.0
ns
Pipeline Latency
Full
7
Clock cycles
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.
N –1
INAx
N
N – 7
N – 6
N – 5
N – 4
N – 3
N – 2
N – 1
N
CLK–
CLK+
D[11:0]
tPD
tEH
tEL
tDS
tDH
Figure 2. Timing Definitions for Switching Specifications


Similar Part No. - AD8285

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8285 AD-AD8285 Datasheet
508Kb / 27P
   Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
AD8285 AD-AD8285 Datasheet
577Kb / 28P
   Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
AD8285CP-EBZ AD-AD8285CP-EBZ Datasheet
508Kb / 27P
   Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
AD8285CP-EBZ AD-AD8285CP-EBZ Datasheet
577Kb / 28P
   Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
AD8285WBCPZ AD-AD8285WBCPZ Datasheet
508Kb / 27P
   Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
More results

Similar Description - AD8285

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8283 AD-AD8283_17 Datasheet
646Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
AD8283 AD-AD8283 Datasheet
578Kb / 28P
   Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
REV. 0
AD8285 AD-AD8285 Datasheet
508Kb / 27P
   Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
AD8285 AD-AD8285_17 Datasheet
577Kb / 28P
   Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
AD9271 AD-AD9271 Datasheet
1Mb / 58P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. PrA
AD9272 AD-AD9272_09 Datasheet
977Kb / 44P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com