Electronic Components Datasheet Search |
|
LP8556SQX-E08 Datasheet(PDF) 8 Page - Texas Instruments |
|
LP8556SQX-E08 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 63 page 8 LP8556 SNVS871I – JULY 2012 – REVISED MARCH 2016 www.ti.com Product Folder Links: LP8556 Submit Documentation Feedback Copyright © 2012–2016, Texas Instruments Incorporated (1) Minimum (MIN) and Maximum (MAX) limits are verified by design, test, or statistical analysis. Typical numbers are for information only. (2) Verified by design and not tested in production. (3) Start-up time is measured from the moment boost is activated until the VBOOST crosses 90% of its target value. (4) 1.8 A is the maximum ISW_LIM supported with the DSBGA package. For applications requiring the ISW_LIM to be greater than 1.8 A and up to 2.6 A, WQFN package should be considered. 7.6 Electrical Characteristics — Boost Converter over operating free-air temperature range (unless otherwise noted) (1) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT RDS_ON Switch ON resistance ISW = 0.5A 0.19 Ω VBOOST_MIN Boost minimum output voltage VBOOST_RANGE = 0 VBOOST_RANGE = 1 7 16 V VBOOST_MAX Boost maximum output voltage VBOOST_MAX = 100, VBOOST_RANGE = 0 VBOOST_MAX = 101, VBOOST_RANGE = 0 VBOOST_MAX = 110, VBOOST_RANGE = 0 VBOOST_MAX = 111, VBOOST_RANGE = 0 19 24.0 28.0 32 21 25 30 34 22 27 32 37 V VBOOST_MAX = 010, VBOOST_RANGE = 1 VBOOST_MAX = 011, VBOOST_RANGE = 1 VBOOST_MAX = 100, VBOOST_RANGE = 1 VBOOST_MAX = 101, VBOOST_RANGE = 1 VBOOST_MAX = 110, VBOOST_RANGE = 1 VBOOST_MAX = 111, VBOOST_RANGE = 1 17.9 22.8 27.8 32.7 37.2 41.8 21 25 30 34.5 39 43 23.1 27.2 31.5 36.6 40.8 44.2 V ILOAD_MAX Maximum continuous output load current VIN = 3 V, VOUT = 18 V 220 mA VIN = 3 V, VOUT = 24 V 160 VIN = 3 V, VOUT = 30 V 120 VOUT/VIN Conversion ratio(2) fSW = 625 kHz 15 fSW = 1250 kHz 12 fSW Switching frequency BOOST_FREQ = 00 BOOST_FREQ = 01 BOOST_FREQ = 10 312 625 1250 kHz VOVP Overvoltage protection voltage VBOOST_RANGE = 1 VBOOST + 1.6 V VUVLO VIN undervoltage lockout threshold UVLO_EN = 1 V UVLO_TH = 0, falling UVLO_TH = 1, falling 2.5 5.2 VUVLO_hyst VUVLO hysteresis VUVLO[rising] VUVLO[falling] UVLO_TH = 0 50 mV UVLO_TH = 1 100 tPULSE Switch minimum pulse width No load 50 ns tSTARTUP Start-up time See(3) 8 ms ISW_LIM SW pin current limit(4) IBOOST_LIM_2X = 0 IBOOST_LIM = 00 IBOOST_LIM = 01 IBOOST_LIM = 10 IBOOST_LIM = 11 0.66 0.88 1.12 1.35 0.9 1.2 1.5 1.8 1.16 1.40 1.73 2.07 A IBOOST_LIM_2X = 1 IBOOST_LIM = 00 IBOOST_LIM = 01 IBOOST_LIM = 10 1.6 2.1 2.6 A ΔVSW / toff_on SW pin slew rate during OFF to ON transition EN_DRV3 = 0 AND EN_DRV2 = 0 EN_DRV3 = 0 AND EN_DRV2 = 1 EN_DRV3 = 1 AND EN_DRV2 = 1 3.7 5.3 7.5 V/ns ΔVSW / ton_off SW pin slew rate during ON to OFF transition EN_DRV3 = 0 AND EN_DRV2 = 0 EN_DRV3 = 0 AND EN_DRV2 = 1 EN_DRV3 = 1 AND EN_DRV2 = 1 1.9 4.4 4.8 V/ns ΔtON / tSW Peak-to-peak switch ON time deviation to SW period ratio (spread spectrum feature) SSCLK_EN = 1 1% |
Similar Part No. - LP8556SQX-E08 |
|
Similar Description - LP8556SQX-E08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |