Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38692MP-ADJ Datasheet(PDF) 10 Page - Texas Instruments

Part # LP38692MP-ADJ
Description  1-A Low Dropout CMOS Linear Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38692MP-ADJ Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP38692MP-ADJ Datasheet HTML 6Page - Texas Instruments LP38692MP-ADJ Datasheet HTML 7Page - Texas Instruments LP38692MP-ADJ Datasheet HTML 8Page - Texas Instruments LP38692MP-ADJ Datasheet HTML 9Page - Texas Instruments LP38692MP-ADJ Datasheet HTML 10Page - Texas Instruments LP38692MP-ADJ Datasheet HTML 11Page - Texas Instruments LP38692MP-ADJ Datasheet HTML 12Page - Texas Instruments LP38692MP-ADJ Datasheet HTML 13Page - Texas Instruments LP38692MP-ADJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
-50
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
0.02
0.022
0.024
0.026
0.028
0.03
0.032
0.034
-50
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
10
LP38690-ADJ, LP38692-ADJ
SNVS323I – DECEMBER 2004 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LP38690-ADJ LP38692-ADJ
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: TJ = 25°C, CIN = COUT = 10 µF, EN pin is tied to VIN (LP38692-ADJ only), VOUT = 1.25 V, VIN = 2.7
V, ILOAD = 10 mA.
Figure 25. Load Regulation vs Temperature
Figure 26. Line Regulation vs Temperature


Similar Part No. - LP38692MP-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38692MP-ADJ NSC-LP38692MP-ADJ Datasheet
777Kb / 13P
   1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
More results

Similar Description - LP38692MP-ADJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ AD-ADP1708ARDZ Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ-R7 AD-ADP1708ARDZ-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1740 AD-ADP1740 Datasheet
165Kb / 6P
   2 A, Low Dropout, CMOS Linear Regulator
Rev. PrA
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com