Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC59116ITPWRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59116ITPWRQ1
Description  16-Channel Constant-Current LED Sink Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59116ITPWRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC59116ITPWRQ1 Datasheet HTML 2Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 3Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 4Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 5Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 6Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 7Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 8Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 9Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
TLC59116-Q1
SLDS223A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLC59116-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
All typical values are at TA = 25°C.
(2)
CG is the Current Gain and is defined in Table 13.
(3)
Specified by design
7.5 Electrical Characteristics
VCC = 3 V to 5.5 V, TA = –40°C to +105°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP (1)
MAX
UNIT
II
Input / output leakage
current
SCL, SDA, A0,
A1, A2, A3,
RESET
VI = VCC or GND
±0.3
μA
Output leakage current
OUT0 to OUT15 VO = 17 V, TJ = 25°C
0.5
μA
VPOR
Power-on reset voltage
2.5
V
IOL
Low-level output current
SDA
VCC = 3 V, VOL = 0.4 V
20
mA
VCC = 5 V, VOL = 0.4 V
30
IO(1)
Output current 1
OUT0 to OUT15 VO = 0.6 V, Rext = 720 Ω, CG = 0.992
(2)
26
mA
Output current error
OUT0 to OUT15
IO = 26 mA, VO = 0.6 V, Rext = 720 Ω,
TJ = 25°C
±10%
Output channel to
channel current error
OUT0 to OUT15
IO = 26 mA, VO = 0.6 V, Rext = 720 Ω,
TJ = 25°C
±6%
IO(2)
Output current 2
OUT0 to OUT15 VO = 0.8 V, Rext = 360 Ω, CG = 0.992
(2)
52
mA
Output current error
OUT0 to OUT15
IO = 52 mA, VO = 0.8 V, Rext = 360 Ω,
TJ = 25°C
±8%
Output channel to
channel current error
OUT0 to OUT15
IO = 52 mA, VO = 0.8 V, Rext = 360 Ω,
TJ = 25°C
±6%
IOUT vs
VOUT
Output current vs output
voltage regulation
OUT0 to OUT15
VO = 1 V to 3 V, IO = 26 mA
±0.1
%/V
VO = 3 V to 5.5 V, IO = 26 mA to 120 mA
±1
IOUT,Th1
Threshold current 1 for
error detection
OUT0 to OUT15 IOUT,target = 26 mA
0.5 ×
ITARGET%
IOUT,Th2
Threshold current 2 for
error detection
OUT0 to OUT15 IOUT,target = 52 mA
0.5 ×
ITARGET%
IOUT,Th3
Threshold current 3 for
error detection
OUT0 to OUT15 IOUT,target = 104 mA
0.5 ×
ITARGET%
TSD
Overtemperature shutdown (3)
150
175
200
°C
THYS
Restart hysteresis
15
°C
Ci
Input capacitance
SCL, A0, A1,
A2, A3, RESET
VI = VCC or GND
5
pF
Cio
Input / output
capacitance
SDA
VI = VCC or GND
8
pF
ICC
Supply current
VCC = 5.5 V
OUT0 to OUT15 = OFF,
Rext = Open
25
mA
OUT0 to OUT15 = OFF,
Rext = 720 Ω
29
OUT0 to OUT15 = OFF,
Rext = 360 Ω
32
OUT0 to OUT15 = OFF,
Rext = 180 Ω
37
OUT0 to OUT15 = ON,
Rext = 720 Ω
29
OUT0 to OUT15 = ON,
Rext = 360 Ω
32
OUT0 to OUT15 = ON,
Rext = 180 Ω
37


Similar Part No. - TLC59116ITPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116IPWR TI-TLC59116IPWR Datasheet
550Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWR TI-TLC59116IPWR Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWR TI1-TLC59116IPWR Datasheet
1Mb / 38P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWRG4 TI-TLC59116IPWRG4 Datasheet
550Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWRG4 TI-TLC59116IPWRG4 Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
More results

Similar Description - TLC59116ITPWRQ1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
   16-Channel Constant Current Sink for LED Driver
logo
Texas Instruments
TLC5925 TI-TLC5925_09 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
Texas Instruments
TLC5925 TI-TLC5925 Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925 TI1-TLC5925_15 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Power 16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com