Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME60-9SMJZ Datasheet(PDF) 5 Page - AIMTEC

Part # AME60-9SMJZ
Description  60 Watt | AC-DC / DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME60-9SMJZ Datasheet(HTML) 5 Page - AIMTEC

  AME60-9SMJZ Datasheet HTML 1Page - AIMTEC AME60-9SMJZ Datasheet HTML 2Page - AIMTEC AME60-9SMJZ Datasheet HTML 3Page - AIMTEC AME60-9SMJZ Datasheet HTML 4Page - AIMTEC AME60-9SMJZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series AME60-MJZ
60 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 052e R8.A
5 of 5
North America only
AME60‐12SMJZ 
Trim down % 
4
5
6
9
10
Vout (VDC) 
11.88 
11.76 
11.64 
11.52
11.4
11.28
11.16 
11.04 
10.92
10.8
Rt down (KΩ)  183.233 
111.59 
79.474 
61.246
49.499
41.299
35.249 
30.602 
26.921
23.933
Trim up % 
4
5
6
9
10
Vout (VDC) 
12.12 
12.24 
12.36 
12.48
12.6
12.72
12.84 
12.96 
13.08
13.2
Rt up (KΩ) 
211.778 
57.03 
32.596 
22.642
17.238
13.845
11.516 
9.819 
8.527
7.511
AME60‐15SMJZ 
 
Trim down % 
4
5
6
9
10
Vout (VDC) 
14.85 
14.7 
14.55 
14.4
14.25
14.1
13.95 
13.8 
13.65
13.5
Rt down (KΩ) 
616.5 
304  199.833 
147.75
116.5
95.667
80.786 
69.625 
60.944
54
Trim up % 
4
5
6
9
10
Vout (VDC) 
15.15 
15.3 
15.45 
15.6
15.75
15.9
16.05 
16.2 
16.35
16.5
Rt up (KΩ) 
124 
61.5 
40.667 
30.25
24
19.833
16.857 
14.625 
12.889
11.5
AME60‐24SMJZ 
 
Trim down % 
4
5
6
9
10
Vout (VDC) 
23.76 
23.52 
23.28 
23.04
22.8
22.56
22.32 
22.08 
21.84
21.6
Rt down (KΩ)  471.081  287.942  205.845  159.249 129.221 108.258
92.793 
80.914 
71.504
63.865
Trim up % 
4
5
6
9
10
Vout (VDC) 
24.24 
24.48 
24.72 
24.96
25.2
25.44
25.68 
25.92 
26.16
26.4
Rt up (KΩ) 
239.556 
64.606 
36.982 
25.728
19.619
15.783
13.15 
11.232 
9.771
8.622
AME60‐48SMJZ 
 
Trim down % 
3
4
5
6
9
10
Vout (VDC) 
47.52 
47.04 
46.56
46.08
45.6
45.12
44.64 
44.16 
43.68
43.2
Rt down (KΩ) 
1825.631  1135.459  818.914 637.228 519.354 436.695 375.522  328.42  291.036 260.643
Trim up % 
3
4
5
6
9
10
Vout (VDC) 
48.48 
48.96 
49.44
49.92
50.4
50.88
51.36 
51.84 
52.32
52.8
Rt up (KΩ) 
561.5 
130.649 
73.548
50.996
38.919
31.395
26.258  22.527 
19.694
17.47
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications. 2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured. 3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified. 5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release. 6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Similar Part No. - AME60-9SMJZ

ManufacturerPart #DatasheetDescription
logo
CUI INC
AME CUI-AME Datasheet
370Kb / 5P
   modular incremental encoder
logo
AIMTEC
AME05 AIMTEC-AME05 Datasheet
364Kb / 3P
   5 watt encapsulated ac-dc converter
AME05-12D AIMTEC-AME05-12D Datasheet
364Kb / 3P
   5 watt encapsulated ac-dc converter
AME05-12S AIMTEC-AME05-12S Datasheet
364Kb / 3P
   5 watt encapsulated ac-dc converter
AME05-15D AIMTEC-AME05-15D Datasheet
364Kb / 3P
   5 watt encapsulated ac-dc converter
More results

Similar Description - AME60-9SMJZ

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ERB-HWB ETA-USA-ERB-HWB Datasheet
481Kb / 3P
   60 WATT AC-DC CONVERTER
ERB-HWA ETA-USA-ERB-HWA Datasheet
372Kb / 3P
   60 WATT AC-DC CONVERTER
logo
AIMTEC
AM60U-Z AIMTEC-AM60U-Z Datasheet
562Kb / 5P
   60 Watt | DC-DC Converter
AM60U-Z AIMTEC-AM60U-Z_16 Datasheet
567Kb / 5P
   60 Watt | DC-DC Converter
logo
Eaton All Rights Reserv...
EPM25-2V EATON-EPM25-2V Datasheet
1Mb / 10P
   60 Watt isolated DC-DC converter
March 2022
logo
AIMTEC
AMES30-MAZ-1 AIMTEC-AMES30-MAZ-1_16 Datasheet
516Kb / 5P
   30 Watt | AC-DC / DC-DC Converter
AME40-MAZ AIMTEC-AME40-MAZ_16 Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEC30-MAZ AIMTEC-AMEC30-MAZ_16 Datasheet
532Kb / 5P
   30 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com