Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVGA2-33 Datasheet(PDF) 8 Page - Mini-Circuits

Part # DVGA2-33
Description  Digital Controlled Variable Gain Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

DVGA2-33 Datasheet(HTML) 8 Page - Mini-Circuits

  DVGA2-33 Datasheet HTML 1Page - Mini-Circuits DVGA2-33 Datasheet HTML 2Page - Mini-Circuits DVGA2-33 Datasheet HTML 3Page - Mini-Circuits DVGA2-33 Datasheet HTML 4Page - Mini-Circuits DVGA2-33 Datasheet HTML 5Page - Mini-Circuits DVGA2-33 Datasheet HTML 6Page - Mini-Circuits DVGA2-33 Datasheet HTML 7Page - Mini-Circuits DVGA2-33 Datasheet HTML 8Page - Mini-Circuits DVGA2-33 Datasheet HTML 9Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Digital Controlled Variable Gain Amplifier (DVGA)
DVGA2-33+
Page 8
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The DVGA2-33+, uses a common 6-bit serial, as shown in Table 4: 6-Bit attenuator Serial Programming Register Map.
The first bit, the MSB, corresponds to the 16-dB Step and the last bit, the LSB, corresponds to the 0.5dB step.
The DVGA2-33+ always assumes a specifiable attenuation setting on power-up, allowing a known attenuation state to
be established before an initial serial control word is provided. When the attenuator powers up, the six control bits are
set to whatever data is present on the six control inputs (C0.5 to C16). This allows any one of the 64 attenuation settings
to be specified as the power-up state.
Power-up Control Settings
Table 4. 6-Bit attenuator Serial Programming Register Map
B5
B4
B3
B2
B1
B0
C16
C8
C4
C2
C1
C0.5
MSB
(first in)
LSB
(last in)
Figure 4. Serial Interface Timing Diagram
Table 3. Serial Interface AC Characteristics (VD1=3V)
Symbol
Parameter
Min.
Max.
Units
f
clk
Serial data clock
frequency (Note 1)
10
MHz
t
clkH
Serial clock HIGH time
30
ns
t
clkL
Serial clock LOW time
30
ns
t
LESUP
LE set-up time after last
clock falling edge
10
ns
t
LEPW
LE minimum pulse
width
30
ns
t
SDSUP
Serial data set-up time
before clock rising edge
10
ns
t
SDHLD
Serial data hold time
after clock falling edge
10
ns
Note 1. fclk verified during the functional pattern test. Serial programming
sections of the functional pattern are clocked at 10MHz to verify fclk speci-
fication.
LE
Clock
Data
MSB
LSB
t
LESUP
t
SDSUP tSDHLD
t
LEPW


Similar Part No. - DVGA2-33

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DVGA2-33A MINI-DVGA2-33A Datasheet
622Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33APP MINI-DVGA2-33APP Datasheet
721Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
More results

Similar Description - DVGA2-33

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0025 RFMD-RFDA0025 Datasheet
1,006Kb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025 RFMD-RFDA2025 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA1-242APP MINI-DVGA1-242APP Datasheet
697Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33APP MINI-DVGA2-33APP Datasheet
721Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33A MINI-DVGA2-33A Datasheet
622Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA1-242PP MINI-DVGA1-242PP Datasheet
888Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA1-242A MINI-DVGA1-242A Datasheet
631Kb / 9P
   Digital Controlled Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com