Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVGA2-33 Datasheet(PDF) 7 Page - Mini-Circuits

Part # DVGA2-33
Description  Digital Controlled Variable Gain Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

DVGA2-33 Datasheet(HTML) 7 Page - Mini-Circuits

  DVGA2-33 Datasheet HTML 1Page - Mini-Circuits DVGA2-33 Datasheet HTML 2Page - Mini-Circuits DVGA2-33 Datasheet HTML 3Page - Mini-Circuits DVGA2-33 Datasheet HTML 4Page - Mini-Circuits DVGA2-33 Datasheet HTML 5Page - Mini-Circuits DVGA2-33 Datasheet HTML 6Page - Mini-Circuits DVGA2-33 Datasheet HTML 7Page - Mini-Circuits DVGA2-33 Datasheet HTML 8Page - Mini-Circuits DVGA2-33 Datasheet HTML 9Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Digital Controlled Variable Gain Amplifier (DVGA)
Page 7
DVGA2-33+
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The serial interface is a 6-bit serial in, parallel-out shift register buffered by a transparent latch. It is controlled by three
CMOS-compatible signals: Data, Clock, and Latch Enable (LE). The Data and Clock inputs allow data to be serially
entered into the shift register, a process that is independent of the state of the LE input. The LE input controls the latch.
When LE is HIGH, the latch is transparent and the contents of the serial shift register control the attenuator. When LE is
brought LOW, data in the shift register is latched. The shift register should be loaded while LE is held LOW to prevent
the attenuator value from changing as data is entered. The LE input should then be toggled HIGH and brought LOW
again, latching the new data. The timing for this operation is defined by Figure 4 (Serial Interface Timing Diagram) and
Table 3 (Serial Interface AC Characteristics).
Simplified Schematic
Table 2. Truth Table
Attenuation
State
C16
C8
C4
C2
C1
C0.5
Reference
0
0
0
0
0
0
0.5 (dB)
0
0
0
0
0
1
1 (dB)
0
0
0
0
1
0
2 (dB)
0
0
0
1
0
0
4 (dB)
0
0
1
0
0
0
8 (dB)
0
1
0
0
0
0
16 (dB)
1
0
0
0
0
0
31.5 (dB)
1
1
1
1
1
1
Note: Not all 64 possible combinations of C0.5 - C16 are shown in table
Figure 3. The DVGA2-33+ Serial interface consists of 6 control bits that select the desired attenuation state, as shown in Table 2 Truth Table.


Similar Part No. - DVGA2-33

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DVGA2-33A MINI-DVGA2-33A Datasheet
622Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33APP MINI-DVGA2-33APP Datasheet
721Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
More results

Similar Description - DVGA2-33

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0025 RFMD-RFDA0025 Datasheet
1,006Kb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025 RFMD-RFDA2025 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA1-242APP MINI-DVGA1-242APP Datasheet
697Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33APP MINI-DVGA2-33APP Datasheet
721Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33A MINI-DVGA2-33A Datasheet
622Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA1-242PP MINI-DVGA1-242PP Datasheet
888Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA1-242A MINI-DVGA1-242A Datasheet
631Kb / 9P
   Digital Controlled Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com