Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMA-545 Datasheet(PDF) 3 Page - Mini-Circuits

Part # CMA-545
Description  Monolithic Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CMA-545 Datasheet(HTML) 3 Page - Mini-Circuits

  CMA-545 Datasheet HTML 1Page - Mini-Circuits CMA-545 Datasheet HTML 2Page - Mini-Circuits CMA-545 Datasheet HTML 3Page - Mini-Circuits CMA-545 Datasheet HTML 4Page - Mini-Circuits CMA-545 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Monolithic E-PHEMT MMIC Amplifier
Page 3 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Electrical Specifications(1) at 25°C, Zo=50Ω, (refer to characterization circuit)
Absolute Maximum Ratings(4)
Parameter
Ratings
Operating Temperature (5)
-55°C to 105°C
Storage Temperature
-65°C to 125°C
Channel Temperature
150°C
DC Voltage (Pad 6)
5V
Power Dissipation
500mW
DC Current (Pad 6)
160mA
Bias Current (Pad 7)
10mA
Input Power
20dBm
Parameter
Condition (GHz)
Min.
Typ.
Max.
Units
Frequency Range
0.05
6.0
GHz
Noise Figure
0.05
1.3
dB
0.5
0.8
1.0
0.8
2.0
1.2
1.4
3.0
1.3
4.0
1.7
5.0
2.0
6.0
2.5
Gain
0.05
26.2
dB
0.5
23.4
1.0
19.7
2.0
12.7
14.8
15.6
3.0
12.0
4.0
9.7
5.0
8.4
6.0
6.6
Input Return Loss
0.05-0.5
9.0
dB
0.5-6
7.0
Output Return Loss
0.05
13.0
dB
0.1-3
14.0
3-6
12.0
Output IP3
0.05
32.0
dBm
0.5
34.0
1.0
35.0
2.0
37.1
3.0
38.0
4.0
37.8
5.0
38.4
6.0
36.6
Output Power @ 1 dB compression (2)
0.05
19.9
dBm
0.5
19.2
1.0
19.0
2.0
18.3
20.0
3.0
20.3
4.0
20.3
5.0
21.5
6.0
21.0
DC Voltage (V
d)
2.8
3.0
3.2
V
DC Current
(Id)(2)
65
80
98
mA
DC Current
(I
Rbias)
5.6
mA
DC Current Variation vs. Temperature (3)
-0.121
mA/°C
Thermal Resistance
116
°C/W
(1)
Measured on Mini-Circuits Characterization test board TB-631+.
See Characterization Test Circuit (Fig. 1)
(2)
Current increases at P1dB
(3)
(Current at 85°C - Current at -45°C)/130
(4)
Permanent damage may occur if any of these limits are exceeded.
These maximum ratings are not intended for continuous normal operation.
(5)
Defined with reference to ground pad temperature.
CMA-545+


Similar Part No. - CMA-545

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CMA-545G1 MINI-CMA-545G1 Datasheet
475Kb / 5P
   Monolithic Amplifier
More results

Similar Description - CMA-545

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CMA-62 MINI-CMA-62 Datasheet
420Kb / 5P
   Monolithic Amplifier
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
   Monolithic Amplifier
PMA-5455 MINI-PMA-5455_15 Datasheet
399Kb / 6P
   Monolithic Amplifier
GVA-63 MINI-GVA-63 Datasheet
270Kb / 5P
   Monolithic Amplifier
LVA-123 MINI-LVA-123 Datasheet
291Kb / 5P
   Monolithic Amplifier
MNA-4W MINI-MNA-4W Datasheet
277Kb / 5P
   Monolithic Amplifier
MNA-6A MINI-MNA-6A Datasheet
275Kb / 5P
   Monolithic Amplifier
MNA-6W MINI-MNA-6W Datasheet
276Kb / 5P
   Monolithic Amplifier
PGA-105 MINI-PGA-105 Datasheet
389Kb / 5P
   Monolithic Amplifier
PMA2-43LN MINI-PMA2-43LN Datasheet
305Kb / 6P
   Monolithic Amplifier
PMA3-83LN MINI-PMA3-83LN Datasheet
244Kb / 5P
   Monolithic Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com