Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM36923 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM36923
Description  Highly Efficient Triple-String White LED Driver
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM36923 Datasheet(HTML) 2 Page - Texas Instruments

  LM36923 Datasheet HTML 1Page - Texas Instruments LM36923 Datasheet HTML 2Page - Texas Instruments LM36923 Datasheet HTML 3Page - Texas Instruments LM36923 Datasheet HTML 4Page - Texas Instruments LM36923 Datasheet HTML 5Page - Texas Instruments LM36923 Datasheet HTML 6Page - Texas Instruments LM36923 Datasheet HTML 7Page - Texas Instruments LM36923 Datasheet HTML 8Page - Texas Instruments LM36923 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
2
LM36923H
SNVSAF3A – FEBRUARY 2016 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM36923H
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ..................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information ................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
I2C Timing Requirements.......................................... 6
6.7
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 10
7.1
Overview ................................................................. 10
7.2
Functional Block Diagram ....................................... 10
7.3
Feature Description................................................. 11
7.4
Device Functional Modes........................................ 16
7.5
Programming........................................................... 24
7.6
Register Maps ........................................................ 25
8
Applications and Implementation ...................... 27
8.1
Application Information............................................ 27
8.2
Typical Application .................................................. 27
9
Power Supply Recommendations ...................... 35
9.1
Input Supply Bypassing .......................................... 35
10
Layout................................................................... 35
10.1
Layout Guidelines ................................................. 35
10.2
Layout Example .................................................... 38
11
Device and Documentation Support ................. 39
11.1
Device Support...................................................... 39
11.2
Trademarks ........................................................... 39
11.3
Community Resources.......................................... 39
11.4
Electrostatic Discharge Caution ............................ 39
11.5
Glossary ................................................................ 39
12
Mechanical, Packaging, and Orderable
Information ........................................................... 39
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (February 2016) to Revision A
Page
Changed device from product preview to production ............................................................................................................ 1


Similar Part No. - LM36923

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36922 TI1-LM36922 Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
LM36922HYFFR TI1-LM36922HYFFR Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
LM36922YFFR TI1-LM36922YFFR Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
More results

Similar Description - LM36923

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Monolithic Power System...
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
   50V, 4-String, White LED Driver
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
   50V, 4-String White LED Driver
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
   50V, 8-String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com