Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM36922H Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM36922H
Description  Highly Efficient Dual-String White LED Driver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM36922H Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM36922H Datasheet HTML 18Page - Texas Instruments LM36922H Datasheet HTML 19Page - Texas Instruments LM36922H Datasheet HTML 20Page - Texas Instruments LM36922H Datasheet HTML 21Page - Texas Instruments LM36922H Datasheet HTML 22Page - Texas Instruments LM36922H Datasheet HTML 23Page - Texas Instruments LM36922H Datasheet HTML 24Page - Texas Instruments LM36922H Datasheet HTML 25Page - Texas Instruments LM36922H Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
22
LM36922H
SNVSAF2A – FEBRUARY 2016 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM36922H
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.4.5 Fault Protection/Detection
7.4.5.1 Overvoltage Protection (OVP)
The LM36922H provides four OVP thresholds (17 V, 24 V, 32 V, and 38 V). The OVP circuitry monitors the boost
output voltage (VOUT) and protects OUT and SW from exceeding safe operating voltages in case of open load
conditions or in the event the LED string voltage requires more voltage than the programmed OVP setting. The
OVP thresholds are programmed in register 13 bits[3:2]. The operation of OVP differentiates between two
overvoltage conditions (see Case 1 OVP Fault Only (OVP Threshold Hit and All Enabled Current Sink Inputs >
40 mV) , Case 1 OVP Fault Only (OVP Threshold Hit and All Enabled Current Sink Inputs > 40 mV) , and Case
2b OVP Fault and Open LED String Fault (OVP Threshold Duration and Any Enabled Current Sink Input ≤ 40
mV) ).
7.4.5.1.1
Case 1 OVP Fault Only (OVP Threshold Hit and All Enabled Current Sink Inputs > 40 mV)
In steady-state operation with VOUT near the OVP threshold a rapid change in VIN or brightness code can result in
a momentary transient excursion of VOUT above the OVP threshold. In this case the boost circuitry is disabled
until VOUT drops below OVP – hysteresis (1 V). Once this happens the boost is re-enabled and steady state
regulation continues. If VOUT remains above the OVP threshold for > 1 ms the OVP Flag is set (register 0x1F
bit[0]).
7.4.5.1.2
Case 2a OVP Fault and Open LED String Fault (OVP Threshold Occurrence and Any Enabled Current Sink
Input
≤ 40 mV)
When any of the enabled LED strings is open the boost converter tries to drive VOUT above OVP and at the same
time the open string(s) current sink headroom voltage(s) (LED1, LED2) drop to 0. When the LM36922H detects
three occurrences of VOUT > OVP and any enabled current sink input (VLED1 or VLED2) ≤ 40 mV, the OVP Fault
flag is set (register 0x1F bit[0]), and the LED Open Fault flag is set (register 0x1F bit[4]).
7.4.5.1.3
Case 2b OVP Fault and Open LED String Fault (OVP Threshold Duration and Any Enabled Current Sink
Input
≤ 40 mV)
When any of the enabled LED strings is open the boost converter tries to drive VOUT above OVP and at the same
time the open string(s) current sink headroom voltage(s) (LED1, LED2) drop to 0. When the LM36922H detects
VOUT > OVP for > 1 msec and any enabled current sink input (VLED1 or VLED2) ≤ 40 mV, the OVP Fault flag is set
(register 0x1F bit[0]), and the LED Open Fault flag is set (register 0x1F bit[4]).
7.4.5.1.4
OVP/LED Open Fault Shutdown
The LM36922H has the option of shutting down the device when the OVP flag is set. This option can be enabled
or disabled via register 0x1E bit[0]. When the shutdown option is disabled the fault flag is a report only. When the
device is shut down due to an OVP/LED String Open fault, the fault flags register must be read back before the
LM36922H can be re-enabled.
7.4.5.1.5
Testing for LED String Open
The procedure for detecting an open in a LED string is:
Apply power the the LM36922H .
Enable all LED strings (Register 0x10 = 0x07).
Set maximum brightness (Register 0x18 = 0x07 and Register 0x19 = 0xFF).
Set the brightness control (Register 0x11 = 0x00).
Open LED1 string.
Wait 4 msec.
Read LED open fault (Register 0x1F).
If bit[4] = 1, then a LED open fault condition has been detected.
Connect LED1 string.
Repeat the procedure for the other LED strings.


Similar Part No. - LM36922H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36923 TI1-LM36923 Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
LM36923H TI1-LM36923H Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
LM36923HYFFR TI1-LM36923HYFFR Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
LM36923YFFR TI1-LM36923YFFR Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
More results

Similar Description - LM36922H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36923H TI1-LM36923H Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Monolithic Power System...
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
   50V, 4-String, White LED Driver
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com