Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM36922H Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM36922H
Description  Highly Efficient Dual-String White LED Driver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM36922H Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM36922H Datasheet HTML 16Page - Texas Instruments LM36922H Datasheet HTML 17Page - Texas Instruments LM36922H Datasheet HTML 18Page - Texas Instruments LM36922H Datasheet HTML 19Page - Texas Instruments LM36922H Datasheet HTML 20Page - Texas Instruments LM36922H Datasheet HTML 21Page - Texas Instruments LM36922H Datasheet HTML 22Page - Texas Instruments LM36922H Datasheet HTML 23Page - Texas Instruments LM36922H Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Ramp
Rate
ILED_t0-
ILED_t1
tRAMP
ILED_t0+
t0
t1
PWM Detector
Ramper
Mapper
DAC
Driver_1
Driver_2
ILED1
ILED2
I2C Brightness Reg
Analog Domain
Digital Domain
Boost
Min
VHR
VOUT
DACi
RAMP_EN
MAP_MODE
PWM Input
RAMP_RATE Bits
BRT Code =
I2C × Duty Cycle
20
LM36922H
SNVSAF2A – FEBRUARY 2016 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM36922H
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 27. Brightness Control 11 (I2C + PWM)
1.
At time t0 the I2C Brightness code changed from 0x444 (1092d) to 0x7FF (2047d)
2.
At time t0 the PWM duty cycle changed from 50% to 75%
3.
Ramp Rate programmed to 1 ms/step
4.
Mapping Mode set to Linear
5.
ILED_t0– = 1092 × 12.213 µA × 0.5 = 6.668 mA
6.
ILED_t0+ = 1092 × 12.213 µA × 0.75 = 10.002 mA
7.
tRAMP = (t1 – t0) = 1 ms/step × (2047 – 1092 – 1) = 954 ms
Figure 28. Brightness Control Mode 11 Example (Ramp Current Then Multiply Duty Cycle)
7.4.2 Boost Switching Frequency
The LM36922H has two programmable switching frequencies: 500 kHz and 1 MHz. These are set via the Boost
Control 1 register 0x13 bit [5]. Once the switching frequency is set, this nominal value can be shifted down by
12% via the boost switching frequency shift bit (register 0x13 bit[6]). Operation at 500 kHz is better suited for
configurations which use a 10-µH inductor or use the auto-frequency mode and switch over to 500 kHz at lighter
loads. Operation at 1 MHz is primarily beneficial at higher output currents, where the average inductor current is
much larger than the inductor current ripple. For maximum efficiency across the entire load current range the
device incorporates an automatic frequency shift mode (see Auto-Switching Frequency).


Similar Part No. - LM36922H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36923 TI1-LM36923 Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
LM36923H TI1-LM36923H Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
LM36923HYFFR TI1-LM36923HYFFR Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
LM36923YFFR TI1-LM36923YFFR Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
More results

Similar Description - LM36922H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36923H TI1-LM36923H Datasheet
1Mb / 47P
[Old version datasheet]   Highly Efficient Triple-String White LED Driver
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Monolithic Power System...
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
   50V, 4-String, White LED Driver
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com