Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM36274YFFR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM36274YFFR
Description  Integrated Backlight Driver With Integrated LCD Bias
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM36274YFFR Datasheet(HTML) 4 Page - Texas Instruments

  LM36274YFFR Datasheet HTML 1Page - Texas Instruments LM36274YFFR Datasheet HTML 2Page - Texas Instruments LM36274YFFR Datasheet HTML 3Page - Texas Instruments LM36274YFFR Datasheet HTML 4Page - Texas Instruments LM36274YFFR Datasheet HTML 5Page - Texas Instruments LM36274YFFR Datasheet HTML 6Page - Texas Instruments LM36274YFFR Datasheet HTML 7Page - Texas Instruments LM36274YFFR Datasheet HTML 8Page - Texas Instruments LM36274YFFR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Mar-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM36274YFFR
ACTIVE
DSBGA
YFF
24
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
-40 to 85
LM36274
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - LM36274YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36272YFFR TI1-LM36272YFFR Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36273YFFR TI1-LM36273YFFR Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
More results

Similar Description - LM36274YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
TPS65142 TI1-TPS65142 Datasheet
2Mb / 32P
[Old version datasheet]   LCD Bias Power Integrated with WLED Backlight Drivers
TPS65154 TI1-TPS65154 Datasheet
2Mb / 87P
[Old version datasheet]   LCD Bias IC with Integrated WLED Driver
logo
Micrel Semiconductor
SY88422L MICREL-SY88422L_10 Datasheet
397Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
logo
Texas Instruments
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
[Old version datasheet]   LCD Bias Supply With Integrated Level Shifters
logo
Micrel Semiconductor
SY88422L MICREL-SY88422L Datasheet
426Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
logo
Global Mixed-mode Techn...
G2523 GMT-G2523 Datasheet
197Kb / 2P
   Integrated LCD Bias Power Supply
logo
Fairchild Semiconductor
FAN7310 FAIRCHILD-FAN7310_07 Datasheet
99Kb / 3P
   LCD Backlight Inverter Drive Integrated Circuit
logo
Maxim Integrated Produc...
MAX3940 MAXIM-MAX3940 Datasheet
355Kb / 13P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com